| Zakładka z wyszukiwarką danych komponentów |
|
UT621024PC-55LL Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
UT621024PC-55LL Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 12 page ![]() UTRON UT621024 Rev. 1.5 128K X 8 BIT LOW POWER CMOS SRAM ________________________________________________________________________________________________ UTRON TECHNOLOGY INC. P80036 1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C. TEL: 886-3-5777882 FAX: 886-3-5777919 2 ABSOLUTE MAXIMUM RATINGS* PARAMETER SYMBOL RATING UNIT Terminal Voltage with Respect to Vss VTERM -0.5 to +7.0 V Operating Temperature TA 0 to +70 ℃ Storage Temperature TSTG -65 to +150 ℃ Power Dissipation PD 1 W DC Output Current IOUT 50 mA Soldering Temperature (under 10 sec) Tsolder 260 ℃ *Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability. TRUTH TABLE MODE 1 CE CE2 OE WE I/O OPERATION SUPPLY CURRENT Standby H X X X High - Z ISB,ISB1 Standby X L X X High -Z ISB,ISB1 Output Disable L H H H High - Z ICC Read L H L H DOUT ICC Write L H X L DIN ICC Note: H = VIH, L=VIL, X = Don't care. DC ELECTRICAL CHARACTERISTICS (VCC = 5V± 10%, TA = 0℃ to 70℃) PARAMETER SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Input High Voltage VIH 2.2 - VCC+0.5 V Input Low Voltage VIL - 0.5 - 0.8 V Input Leakage Current IIL VSS ≦VIN ≦VCC - 1 - 1 µA Output Leakage Current IOL VSS ≦VI/O≦VCC 1 CE =VIH or CE2 = VIL or OE = VIH or WE = VIL - 1 - 1 µA Output High Voltage VOH IOH = - 1mA 2.4 - - V Output Low Voltage VOL IOL= 4mA - - 0.4 V ICC Cycle time=min, 100% duty, 1 CE =VIL, CE2 = VIH, II/O = 0mA -35 -55 -70 - - - 60 50 40 100 85 70 mA mA mA Average Operating Power Supply Courrent ICC1 Cycle time=1µs,100% duty,II/O=0mA . 1 CE ≦0.2V,CE2≧VCC-0.2V, other pins at 0.2V or VCC-0.2V, - - 10 mA ISB 1 CE =VIH or CE2 = VIL other pins at 0.2V or VCC-0.2V, - - 3 mA 100 - L - 2 40* µA 50 Standby Power Supply Current ISB1 1 CE ≧VCC-0.2V or .CE2≦0.2V other pins at 0.2V or VCC-0.2V, - LL - 1 15* µA *Those parameters are for reference only under 50℃ |