Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PQ60012EML15 Arkusz danych(PDF) 1 Page - SynQor Worldwide Headquarters

Numer części PQ60012EML15
Szczegółowy opis  Active back bias limit prevents damage to converter from external load induced pre-bias
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNQOR [SynQor Worldwide Headquarters]
Strona internetowa  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60012EML15 Arkusz danych(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60012EML15 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60012EML15 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60012EML15 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60012EML15 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60012EML15 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60012EML15 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60012EML15 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60012EML15 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60012EML15 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
T
Technical
echnical
S
Specification
pecification
PQ60012EML15
PQ60012EML15
Product # PQ60012EML15
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EM621E Rev. D
1/22/08
Page 1
TThhee PPQ
Q6
60
00
01
12
2EEM
MLL1
15
5 PPoow
weerrQ
Qoorr®® M
Meeggaa eeiigghhtthh--bbrriicckk ccoonn--
vveerrtteerr iiss aa nneexxtt--ggeenneerraattiioonn,, bbooaarrdd--m
moouunnttaabbllee,, iissoollaatteedd,, ffiixxeedd
ssw
wiittcchhiinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr tthhaatt uusseess ssyynncchhrroo--
nnoouuss rreeccttiiffiiccaattiioonn ttoo aacchhiieevvee eexxttrreem
meellyy hhiigghh ccoonnvveerrssiioonn eeffffii--
cciieennccyy.. TThhee ppoow
weerr ddiissssiippaatteedd bbyy tthhee ccoonnvveerrtteerr iiss ssoo lloow
w
tthhaatt aa hheeaattssiinnkk iiss nnoott rreeqquuiirreedd,, w
whhiicchh ssaavveess ccoosstt,, w
weeiigghhtt,,
hheeiigghhtt,, aanndd aapppplliiccaattiioonn eeffffoorrtt.. A
Allll ooff tthhee ppoow
weerr aanndd ccoonnttrrooll
ccoom
mppoonneennttss aarree m
moouunntteedd ttoo tthhee m
muullttii--llaayyeerr PPC
CBB ssuubbssttrraattee
w
wiitthh hhiigghh--yyiieelldd ssuurrffaaccee m
moouunntt tteecchhnnoollooggyy..
SSiinnccee tthhee
PPoow
weerrQ
Qoorr ccoonnvveerrtteerr hhaass nnoo eexxpplliicciitt tthheerrm
maall iinntteerrffaacceess,, iitt iiss
eexxttrreem
meellyy rreelliiaabbllee.. RRooH
HSS ccoom
mpplliiaanntt ((sseeee ppaaggee 1
12
2))..
48V
48V in
in
1.2V
1.2Vout
out
15Amp
15Amp
2000Vdc
2000Vdc
Eighth-brick
Eighth-brick
Input
Input
Output
Output
Current
Current
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
PQ60012EML15 Module
• High efficiency, >84% at full rated load current
• Delivers up to 15 amps of output current with minimal
derating - no heatsink required
• Wide input voltage range: 35V – 75V, with 100V
100ms input voltage transient capability
• Fixed frequency switching provides predictable EMI
performance
• No minimum load requirement means no preload
resistors required
Operational Features
Operational Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection protects
converter and load from permanent damage and conse-
quent hazardous conditions
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection protects load from dam-
aging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
Pr
Protection Features
otection Features
• 2000V, 30 MW input-to-output isolation provides
input/output ground separation
• UL 60950-1 recognized (US & Canada), basic insula-
tion rating
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives which
facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flammabil-
ity requirements
Safety Features
Safety Features
• Industry standard eighth-brick pin-out configuration
• Industry standard size: 0.90” x 2.3” (22.9x58.4mm)
• Total height only 0.335” (8.5mm), permits better airflow
and smaller card pitch
• Total weight: 0.68 oz. (19 grams)
• Flanged pins designed to permit surface mount solder-
ing (avoid wave solder) using FPiP technique
Mechanical Features
Mechanical Features
• On/Off control referenced to input side (positive and
negative logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and voltage
margining
Contr
Control Features
ol Features


Podobny numer części - PQ60012EML15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SynQor Worldwide Headqu...
PQ60012EMW15XYZ SYNQOR-PQ60012EMW15XYZ Datasheet
529Kb / 13P
Industry standard eighth-brick pin-out configuration
More results

Podobny opis - PQ60012EML15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
Active Bias Controller
Dec-21-2001
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
Active Bias Controller
2007-05-29
logo
Hittite Microwave Corpo...
HMC981 HITTITE-HMC981 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
SynQor Worldwide Headqu...
PQ50073HZB60 SYNQOR-PQ50073HZB60 Datasheet
2Mb / 12P
Active back bias limit
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
Pre-bias startup
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
ACTIVE BIAS CONTROLLER
HMC981 AD-HMC981 Datasheet
871Kb / 18P
ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
ACTIVE BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com