| Zakładka z wyszukiwarką danych komponentów |
|
V28A5T175BL2 Arkusz danych(PDF) 2 Page - Vicor Corporation |
|
|
|||||||||||||||||||||||||||||
V28A5T175BL2 Arkusz danych(HTML) 2 Page - Vicor Corporation |
|
2 / 12 page ![]() 28 V Wide Maxi Family Rev 2.8 vicorpower.com Page 2 of 12 02/2016 800 927.9474 28 V Input MODULE OUTPUT SPECIFICATIONS Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature, unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate. Parameter Min Typ Max Unit Baseplate to sink; flat, greased surface 0.08 °C / Watt Baseplate to sink; thermal pad (P/N 20263) 0.07 °C / Watt Baseplate to ambient 4.9 °C / Watt Baseplate to ambient; 1000 LFM 1.1 °C / Watt Thermal capacity 165 Watt-sec/°C THERMAL RESISTANCE AND CAPACITY MODULE FAMILY ELECTRICAL CHARACTERISTICS Parameter Min Typ Max Unit Notes Output voltage set point ±1% Vout nom Nominal input; full load; 25°C Line regulation ±0.02 ±0.20 % Low line to high line; full load Temperature regulation ±0.002 ±0.005 % / °C Over operating temperature range Power sharing accuracy ± 2 ± 5 % 10 to 100% of full load Of nominal output voltage. For trimming below 90% Programming range 10 110 % of nominal, a minimum load of 10% of maximum rated power may be required. +Out to -Out, +Sense to -Out – Absolute Maximum Ratings 3.3 V -0.5 to 4.7 Vdc Externally Applied 5 V -0.5 to 7.0 Vdc Externally Applied 6.5 V -0.5 to 9.0 Vdc Externally Applied 8 V -0.5 to 10.9 Vdc Externally Applied 12 V -0.5 to 16.1 Vdc Externally Applied 15 V -0.5 to 20.0 Vdc Externally Applied 24 V -0.5 to 31.7 Vdc Externally Applied 28 V -0.5 to 36.9 Vdc Externally Applied 36 V -0.5 to 47.2 Vdc Externally Applied 48 V -0.5 to 62.9 Vdc Externally Applied Parameter Min Typ Max Unit Notes Operating input voltage 9 28 36 Vdc Input surge withstand 50 Vdc <100 ms Undervoltage turn-on 8.75 8.9 Vdc Undervoltage turn-off 7.8 8.1 8.4 Vdc Overvoltage turn-off/on 36.3 37.8 39.6 Vdc Disabled input current 12 14 mA PC pin low MODULE INPUT SPECIFICATIONS |