Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HDF434EF11 Arkusz danych(PDF) 3 Page - Shoulder Electronics Limited.

Numer części HDF434EF11
Szczegółowy opis  This specification shall cover the characteristics of SAW filter With F434E used for the page
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHOULDER [Shoulder Electronics Limited.]
Strona internetowa  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF434EF11 Arkusz danych(HTML) 3 Page - Shoulder Electronics Limited.

  HDF434EF11 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF434EF11 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF434EF11 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF434EF11 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF434EF11 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SAW FILTER
HDF434E
F11
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 5
1. SCOPE
This specification shall cover the characteristics of SAW filter With F434E used for the page
system.
2. ELECTRICAL SPECIFICATION
DC Voltage VDC
10V
AC Voltage Vpp
10V50Hz/60Hz
Operation temperature
-40℃ to +85℃
Storage temperature
-45℃ to +85℃
RF Power Dissipation
0dBm
Electronic Characteristics
2-1.Typical frequency response
2-2.Electrical characteristics
Part number
F434E
Unit
Nominal center frequency (Fo)
434
MHz
Insertion Loss
1.fo-50~fo-24MHz
2. fo-20~fo-16 MHz
2.fo±11.5 MHz
3.fo +30~ fo +50MHz
45min
20min
4.2max
45min
dB
Ripple (with Fo ±11.5MHz)
2.5max
dB
Input/Output Impedance(Nominal)
50//0
Ω/pF



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com