| Zakładka z wyszukiwarką danych komponentów |
|
RS1-312S-R15 Arkusz danych(PDF) 3 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
RS1-312S-R15 Arkusz danych(HTML) 3 Page - Copal Electronics |
|
3 / 5 page ![]() RS / RG ROTARY SELECTOR SWITCHES Terminal strength 10 N {1.02 kgf} minimum Soldering heat Flow : 260 ± 3 °C as the temperature in a pot of molten solder, immersion from head of terminal to backside of board, 5 ~ 6 s, two times maximum Manual soldering:380 ± 10 °C, 3 ~ 4 s The DIP-TYPE ROTARY SELECTOR SWITCHES RS/RG series listed here are standard versions, but our production will be made upon receipt of your orders. ■ STANDARD SPECIFICATIONS Circuit type Operating temperature range Storage temperature range Sealing Net weight 1 pole 2 ~ 12 contacts (per block) 2 poles 2 ~ 6 contacts (per block) −40 ~ 85 °C Washable (only contact block, “O” ring sealed) ※Please refer to page 150, 151 Approx. 7 g (1 block) Approx. 13.6 g (2 blocks) Approx. 19.4 g (3 blocks) ■ MECHANICAL CHARACTERISTICS Adjustment torque 60 ± 30 mN·m {612 ± 306 gf·cm} Stopper strength 500 mN·m {5.1 kgf·cm} minimum Stepping angle 30° Load life 500,000 steps or 50,000 cycles at 6 contacts with no load 200,000 steps or 20,000 cycles at 6 contacts with rated load Solderability 245 ± 3 °C, 2 ~ 3 s ■ ELECTRICAL CHARACTERISTICS ■ ENVIRONMENTAL CHARACTERISTICS Vibration Shock Humidity (Steady state) High temperature exposure Low temperature exposure Amplitude 3 mm or Acceleration 196 m/s 2, 10-2000-10 Hz, 3 directions for 4 h each 980 m/s 2, 6 ms 6 directions for 3 times each 40 °C, Relative humidity 90 ~ 95 %, 240 h 85 °C, 16 h −40 °C, 16 h { } : Reference only Contact rating Maximum current Minimum current Maximum voltage Minimum voltage Contact resistance Contact timing Insulation resistance Dielectric strength 1 VA 1 A 1 μA 30 V 20 mV 100 m Ω maximum Shorting, Non-shorting 1000 M Ω (DC500 V) minimum AC500 V, 60 s Electrostatic capacity 4 pF maximum, 10 kHz |