| Zakładka z wyszukiwarką danych komponentów |
|
AP2001SL Arkusz danych(PDF) 3 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AP2001SL Arkusz danych(HTML) 3 Page - Anachip Corp |
|
3 / 8 page ![]() AP2001 Monolithic Dual Channel PWM Controller Anachip Corp. www.anachip.com.tw Rev. 0.3 Feb 20, 2004 3/8 Absolute Maximum Ratings Symbol Parameter Rating Unit VCC Supply voltage 40 V VI Amplifier input voltage 20 V VO Collector output voltage 40 V Io Collector output current 21 mA TOP Operating temperature range -20 to +85 oC TST Storage temperature range -65 to +150 oC TLEAD Lead temperature 1.6 mm(1/16 inch) from case for 10 seconds 260 oC Recommended Operating Conditions Symbol Parameter Min. Max. Unit VCC Supply voltage 3.6 40 V VI Amplifier input voltage 1.05 1.45 V VO Collector output voltage 40 V IO Collector output current 20 mA IFB Current into feedback terminal 45 µA RF Feedback resistor 100 kΩ CT Timing capacitor 150 15000 pF RT Timing resistor 5.1 100 kΩ FOSC Oscillator frequency 1 500 Khz TOP Operating free-air temperature -20 85 ºC |