| Zakładka z wyszukiwarką danych komponentów |
|
SRP5015TA-R68M Arkusz danych(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRP5015TA-R68M Arkusz danych(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 3 page ![]() 3312 - 2 mm SMD Trimming Potentiometer Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. SRP5015TA Series - Shielded Power Inductors REV. 09/16 DIMENSIONS: MM (INCHES) QTY: 3500 PCS. PER REEL L vs. I Charts (Continued) Packaging Specifications USER DIRECTION OF FEED 3 ° 4.0 (.157) 2.0 (.079) DIA. 1.5 ± 0.1 (.059 ± .004) 5.5 ± 0.1 (.217 ± .004) 12.0 ± 0.3 (.472 ± .012) 5.5 ± 0.1 (.217 ± .004) 8.0 ± 0.1 (.315 ± .004) 0.35 ± 0.05 (.014 ± .002) 1.8 ± 0.1 (.071 ± .004) 6.2 ± 0.1 (.244 ± .004) 12.0 ± 0.5 (.472 ± .020) 2.0 ± 0.5 (.079 ± .020) 100 ± 2 (3.937 ± .079) 330 (12.992) DIA. 13.5 ± 0.5 (.531 ± .020) DIA. 0 0 0.34 1.36 0.68 1.02 1.70 8 16 32 40 0 DC Current (A) SRP5015TA-220M 10 40 50 20 30 24 |