| Zakładka z wyszukiwarką danych komponentów |
|
FLOWLB03 Arkusz danych(PDF) 19 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
FLOWLB03 Arkusz danych(HTML) 19 Page - National Semiconductor (TI) |
|
19 / 24 page ![]() Additional Applications (Continued) DELAYED STARTUP The ON /OFF pin can be used to provide a delayed startup feature as shown in Figure 14. With an input voltage of 20V and for the part values shown, the circuit provides approxi- mately 10 ms of delay time before the circuit begins switch- ing. Increasing the RC time constant can provide longer delay times. But excessively large RC time constants can cause problems with input voltages that are high in 60 Hz or 120 Hz ripple, by coupling the ripple into the ON /OFF pin. ADJUSTABLE OUTPUT, LOW-RIPPLE POWER SUPPLY A 3A power supply that features an adjustable output voltage is shown in Figure 15. An additional L-C filter that reduces the output ripple by a factor of 10 or more is included in this circuit. Definition of Terms BUCK REGULATOR A switching regulator topology in which a higher voltage is converted to a lower voltage. Also known as a step-down switching regulator. BUCK-BOOST REGULATOR A switching regulator topology in which a positive voltage is converted to a negative voltage without a transformer. DUTY CYCLE (D) Ratio of the output switch’s on-time to the oscillator period. CATCH DIODE OR CURRENT STEERING DIODE The diode which provides a return path for the load current when the LM2576 switch is OFF. EFFICIENCY ( η) The proportion of input power actually delivered to the load. 01147617 Note: Complete circuit not shown (see Figure 10). FIGURE 13. Undervoltage Lockout for Buck-Boost Circuit 01147618 Note: Complete circuit not shown. FIGURE 14. Delayed Startup 01147619 FIGURE 15. 1.2V to 55V Adjustable 3A Power Supply with Low Output Ripple www.national.com 19 |