| Zakładka z wyszukiwarką danych komponentów |
|
BA-9R4CD Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
BA-9R4CD Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() AD-01 BA- 10x1UD AD-02 BA- 5x5UD AD-03 BA- 12x3UD AD-04 BA- 12x3UD-A AD-05 BA-9x4A CD AD-06 BA- 15x15UD NOTES: 1.All Dimensions are in millimeters(inches). 2.Tolerance isA0.25mm(.010D). 3.Specifications are subject to change without notice. 4.NP:No Pin. 5.NC:No Connect. 10.16(.400) 25.30(.996) 1.78(.070) 2.54(.100) 5.1(.200) 7.62(.300) 8.0(.315) 3.0(.120) MIN. 0.25(.010) 0.50(.020) 2.54(.100) A B C D E F G H I J +PIN 1. 20 19 18 17 16 15 14 13 12 11 123456789 10 A BCD E F G H I J D 3 12 4 5 6 A C B AB C D NP: 12. 10 7 8 9 13 11 14 15 19 1617 18 20 21 EF EF G H G H K J IL J I K L 56.00(2.205) 58.00(2.283) 2.54x20=50.80(2.00) 5.00(.197) 7.00(.276) 1.50(.059) 4.00(.157) 8.00(.315) 3.00(.118)MIN. E0.50(.020) 1.60(.063) 0.50(.020) 4.30x11=47.30(1.862) PIN.1 1 A 4 3 2 C B D 7 6 5 F E G 9 8 H I 10 E B AC D H FG I 9.00(.354) 11.00(.433) 7.00(.276) 41.40(1.630) 43.40(1.709) 2.50(.098) 8.00(.315) 4.50x8=36.00(1.417) 0.50(.020) 4.5(.177)x9=40.5(1.59) E0.5(.02) 3.00(.118) MIN. + PIN.1 BA-9x4AD PIN 1. 30 29 28 27 26 25 24 23 22 21 123456789 10 A BCD E F G H J K A BCD E F G H J K BA-15D15UD MN P Q R 5.1(.200) 1.78(.070) 2.54(.100)TYP. 2.54(.100)x14=35.56(1.400) 38.1(1.500) MAX. 6.223 0.127 A 7.62(.300) 10.16(.400) 0.381(.015) (0.245 .005) A 20 M 11 N 12 P 13 19 18 Q 14 R 15 17 16 3.00(.118) MIN. 0.50(.020) + A B C D E 10 98 76 12 3 4 5 AB C D E PIN 1 7.90(.311) 3.00(.116)MIN. E0.5(.020) 2.54x4=10.16(.400) 1.70(.067) 12.70(.500) 5.0(.197) 10.10(.398) 2.54x4=10.16(.400) 7.62(.300) + K F 6 5 4 2 1 3 A B CD AC B DE 18 17 16 15 14 12 13 9 8 710 NP: 11. F E G GH IJ K HI J L 21 20 19 L 0.50(.020) 3.00(.118)MIN. 8.00(.315) 5.00(.197) 4.30x11=47.30(1.862) 4.00(.157) 2.54x20=50.80(2.00) 58.00(2.283) 56.00(2.205) E0.50 (.020) PIN.1 1.50(.059) 1.60(.063) 7.00(.276) 0.25(.010) Yellow Stone corp. www.ystone.com.tw 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. |