| Zakładka z wyszukiwarką danych komponentów |
|
LM2660MM Arkusz danych(PDF) 8 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM2660MM Arkusz danych(HTML) 8 Page - National Semiconductor (TI) |
|
8 / 12 page ![]() Application Information (Continued) size capacitor usually has a higher ESR compared with a bigger size capacitor of the same type. For lower ESR, use ceramic capacitors. TABLE 3. Low ESR Capacitor Manufacturers Manufacturer Phone FAX Capacitor Type Nichicon Corp. (708)-843-7500 (708)-843-2798 PL, PF series, through-hole aluminum electrolytic AVX Corp. (803)-448-9411 (803)-448-1943 TPS series, surface-mount tantalum Sprague (207)-324-4140 (207)-324-7223 593D, 594D, 595D series, surface-mount tantalum Sanyo (619)-661-6835 (619)-661-1055 OS-CON series, through-hole aluminum electrolytic Other Applications PARALLELING DEVICES Any number of LM2660s (or LM2661s) can be paralleled to reduce the output resistance. Each device must have its own pumping capacitor C 1, while only one output capacitor Cout is needed as shown in Figure 4. The composite output resistance is: DS012911-32 FIGURE 3. Output Source Resistance vs Oscillator Frequency DS012911-22 FIGURE 4. Lowering Output Resistance by Paralleling Devices www.national.com 8 |