Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2733XMFX Arkusz danych(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM2733XMFX
Szczegółowy opis  0.6/1.6 MHz Boost Converters With 40V Internal FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2733XMFX Arkusz danych(HTML) 4 Page - National Semiconductor (TI)

  LM2733XMFX Datasheet HTML 1Page - National Semiconductor (TI) LM2733XMFX Datasheet HTML 2Page - National Semiconductor (TI) LM2733XMFX Datasheet HTML 3Page - National Semiconductor (TI) LM2733XMFX Datasheet HTML 4Page - National Semiconductor (TI) LM2733XMFX Datasheet HTML 5Page - National Semiconductor (TI) LM2733XMFX Datasheet HTML 6Page - National Semiconductor (TI) LM2733XMFX Datasheet HTML 7Page - National Semiconductor (TI) LM2733XMFX Datasheet HTML 8Page - National Semiconductor (TI) LM2733XMFX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Junction
Temperature Range
−40˚C to +125˚C
Lead Temp. (Soldering, 5 sec.)
300˚C
Power Dissipation (Note 2)
Internally Limited
FB Pin Voltage
−0.4V to +6V
SW Pin Voltage
−0.4V to +40V
Input Supply Voltage
−0.4V to +14.5V
Shutdown Input Voltage
(Survival)
−0.4V to +14.5V
θ
J-A (SOT23-5)
265˚C/W
ESD Rating (Note 3)
Human Body Model
Machine Model
2kV
200V
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range
(−40˚C
≤ T
J
≤ +125˚C). Unless otherwise specified: V
IN = 5V, VSHDN = 5V, IL = 0A.
Symbol
Parameter
Conditions
Min
(Note 4)
Typical
(Note 5)
Max
(Note 4)
Units
V
IN
Input Voltage
2.7
14
V
I
SW
Switch Current Limit
(Note 6)
1.0
1.5
A
R
DS(ON)
Switch ON Resistance
I
SW = 100 mA
500
650
m
Ω
SHDN
TH
Shutdown Threshold
Device ON
1.5
V
Device OFF
0.50
I
SHDN
Shutdown Pin Bias Current
V
SHDN =0
0
µA
V
SHDN =5V
0
2
V
FB
Feedback Pin Reference
Voltage
V
IN =3V
1.205
1.230
1.255
V
I
FB
Feedback Pin Bias Current
V
FB = 1.23V
60
nA
I
Q
Quiescent Current
V
SHDN = 5V, Switching "X"
2.1
3.0
mA
V
SHDN = 5V, Switching "Y"
1.1
2
V
SHDN = 5V, Not Switching
400
500
µA
V
SHDN = 0
0.024
1
FB Voltage Line Regulation
2.7V
≤ V
IN
≤ 14V
0.02
%/V
F
SW
Switching Frequency
“X” Option
1.15
1.6
1.85
MHz
“Y” Option
0.40
0.60
0.8
D
MAX
Maximum Duty Cycle
“X” Option
87
93
%
“Y” Option
93
96
I
L
Switch Leakage
Not Switching V
SW =5V
1
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the
device outside of the limits set forth under the operating ratings which specify the intended range of operating conditions.
Note 2: The maximum power dissipation which can be safely dissipated for any application is a function of the maximum junction temperature, TJ(MAX) = 125˚C,
the junction-to-ambient thermal resistance for the SOT-23 package,
θJ-A = 265˚C/W, and the ambient temperature, TA. The maximum allowable power dissipation
at any ambient temperature for designs using this device can be calculated using the formula:
If power dissipation exceeds the maximum specified above, the internal thermal protection circuitry will protect the device by reducing the output voltage as required
to maintain a safe junction temperature.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Note 4: Limits are guaranteed by testing, statistical correlation, or design.
Note 5: Typical values are derived from the mean value of a large quantity of samples tested during characterization and represent the most likely expected value
of the parameter at room temperature.
Note 6: Switch current limit is dependent on duty cycle (see Typical Performance Characteristics). Limits shown are for duty cycles
≤ 50%.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13