| Zakładka z wyszukiwarką danych komponentów |
|
STM32L052K6 Arkusz danych(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L052K6 Arkusz danych(HTML) 46 Page - STMicroelectronics |
|
46 / 136 page ![]() Pin descriptions STM32L052x6 STM32L052x8 46/136 DocID025936 Rev 6 - - - - 54 B5 PD2 I/O FT - LPUART1_RTS_DE - 26 26 B3 39 55 A5 PB3 I/O FT - SPI1_SCK, TIM2_CH2, TSC_G5I_O1, EVENTOUT COMP2_INN 27 27 A3 40 56 A4 PB4 I/O FT - SPI1_MISO, EVENTOUT, TSC_G5_IO2, TIM22_CH1 COMP2_INP 28 28 C4 41 57 C4 PB5 I/O FT - SPI1_MOSI, LPTIM1_IN1, I2C1_SMBA, TIM22_CH2 COMP2_INP 29 29 B4 42 58 D3 PB6 I/O FTf - USART1_TX, I2C1_SCL, LPTIM1_ETR, TSC_G5_IO3 COMP2_INP 30 30 A4 43 59 C3 PB7 I/O FTf - USART1_RX, I2C1_SDA, LPTIM1_IN2, TSC_G5_IO4 COMP2_INP, PVD_IN 31 31 C5 44 60 B4 BOOT0 B - - - - - 32 B5 45 61 B3 PB8 I/O FTf - TSC_SYNC, I2C1_SCL - - - - 46 62 A3 PB9 I/O FTf - EVENTOUT, I2C1_SDA, SPI2_NSS/I2S2_WS - 32 - D6 47 63 D4 VSS S - - - - 1 1 A5 48 64 E4 VDD S - - - - 1. PB9/12/13/14/15, PH0/1 and PC13 GPIOs should be configured as output and driven Low, even if they are not available on this package. 2. PA4 offers a reduced touch sensing sensitivity. It is thus recommended to use it as sampling capacitor I/O. 3. These pins are powered by VDD_USB. For all characteristics that refer to VDD, VDD_USB must be used instead. Table 16. STM32L052x6/8 pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |