Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L073xZ Arkusz danych(PDF) 51 Page - STMicroelectronics

Numer części STM32L073xZ
Szczegółowy opis  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L073xZ Arkusz danych(HTML) 51 Page - STMicroelectronics

Back Button STM32L073xZ Datasheet HTML 47Page - STMicroelectronics STM32L073xZ Datasheet HTML 48Page - STMicroelectronics STM32L073xZ Datasheet HTML 49Page - STMicroelectronics STM32L073xZ Datasheet HTML 50Page - STMicroelectronics STM32L073xZ Datasheet HTML 51Page - STMicroelectronics STM32L073xZ Datasheet HTML 52Page - STMicroelectronics STM32L073xZ Datasheet HTML 53Page - STMicroelectronics STM32L073xZ Datasheet HTML 54Page - STMicroelectronics STM32L073xZ Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 139 page
background image
Table 18. Alternate functions port B
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SPI1/SPI2/I2S2/
USART1/2/
LPUART1/USB/
LPTIM1/TSC/
TIM2/21/22/
EVENTOUT/
SYS_AF
SPI1/SPI2/I2S2/I
2C1/LCD/
TIM2/21
SPI1/SPI2/I2S2/
LPUART1/
USART5/USB/L
PTIM1/TIM2/3/E
VENTOUT/
SYS_AF
I2C1/TSC/
EVENTOUT
I2C1/USART1/2/
LPUART1/
TIM3/22/
EVENTOUT
SPI2/I2S2/I2C2/
USART1/
TIM2/21/22
I2C1/2/
LPUART1/
USART4/
UASRT5/TIM21/
EVENTOUT
I2C3/LPUART1/
COMP1/2/
TIM3
PB0
EVENTOUT
LCD_SEG5
TIM3_CH3
TSC_G3_IO2
-
-
-
-
PB1
-
LCD_SEG6
TIM3_CH4
TSC_G3_IO3
LPUART1_RTS_DE
-
-
-
PB2
-
-
LPTIM1_OUT
TSC_G3_IO4
-
-
-
I2C3_SMBA
PB3
SPI1_SCK
LCD_SEG7
TIM2_CH2
TSC_G5_IO1
EVENTOUT
USART1_RTS_DE
USART5_TX
-
PB4
SPI1_MISO
LCD_SEG8
TIM3_CH1
TSC_G5_IO2
TIM22_CH1
USART1_CTS
USART5_RX
I2C3_SDA
PB5
SPI1_MOSI
LCD_SEG9
LPTIM1_IN1
I2C1_SMBA
TIM3_CH2/
TIM22_CH2
USART1_CK
USART5_CK/
USART5_RTS_D
E
-
PB6
USART1_TX
I2C1_SCL
LPTIM1_ETR
TSC_G5_IO3
-
-
-
-
PB7
USART1_RX
I2C1_SDA
LPTIM1_IN2
TSC_G5_IO4
-
-
USART4_CTS
-
PB8
-
LCD_SEG16
-
TSC_SYNC
I2C1_SCL
-
-
-
PB9
-
LCD_COM3
EVENTOUT
-
I2C1_SDA
SPI2_NSS/
I2S2_WS
--
PB10
-
LCD_SEG10
TIM2_CH3
TSC_SYNC
LPUART1_TX
SPI2_SCK
I2C2_SCL
LPUART1_RX
PB11
EVENTOUT
LCD_SEG11
TIM2_CH4
TSC_G6_IO1
LPUART1_RX
-
I2C2_SDA
LPUART1_TX
PB12
SPI2_NSS/I2S2_WS
LCD_SEG12
LPUART1_RTS_
DE
TSC_G6_IO2
I2C2_SMBA
EVENTOUT
-
PB13
SPI2_SCK/I2S2_CK
LCD_SEG13
MCO
TSC_G6_IO3
LPUART1_CTS
I2C2_SCL
TIM21_CH1
-
PB14
SPI2_MISO/
I2S2_MCK
LCD_SEG14
RTC_OUT
TSC_G6_IO4
LPUART1_RTS_DE
I2C2_SDA
TIM21_CH2
-
PB15
SPI2_MOSI/
I2S2_SD
LCD_SEG15
RTC_REFIN
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More