Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC910607 Arkusz danych(PDF) 6 Page - Torex Semiconductor

Numer części XC910607
Szczegółowy opis  PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC910607 Arkusz danych(HTML) 6 Page - Torex Semiconductor

  XC910607 Datasheet HTML 1Page - Torex Semiconductor XC910607 Datasheet HTML 2Page - Torex Semiconductor XC910607 Datasheet HTML 3Page - Torex Semiconductor XC910607 Datasheet HTML 4Page - Torex Semiconductor XC910607 Datasheet HTML 5Page - Torex Semiconductor XC910607 Datasheet HTML 6Page - Torex Semiconductor XC910607 Datasheet HTML 7Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary
Functional Settings
< Output Voltage Setting>
VOUT = Vref applied voltage x (RFB1 + RFB2) / RFB2
fzfb = 30kHz (L=10
µH)
RFB1 : 270k
Ω
RFB2 : 30k
Ω
fzfb = 20kHz (L=22
µH)
CFB :
20pF
(fzfb = 30kHz, L = 10
µH)
fzfb = 10kHz (L=47
µH)
27pF
(fzfb = 20kHz, L = 22
µH)
56pF
(fzfb = 10kHz, L=47
µH)
< The use of ceramic capacitor CL >
Recommended Components
Tr:
*When a MOSFET is used :
*When a NPN Tr. Is used :
2SK2159 (NEC N-Channel Power MOSFET)
2SD1628 (Sanyo)
Rb
: 500
Ω (adjust with Tr's HFE or load)
Cb
: 2200pF (ceramic type)
Cb
≤ 1 / (2π × Rb× FOSC × 0.7)
SD:
MA2Q737 (Schottky Diode type, MATSUSHITA)
L, CL :
Adjust as below according to the condition and peripheral components
When Ceramic capacitor is used :
L :
22
µH (SUMIDA CDRH5D28, FOSC = 100kHz)
10
µH (SUMIDA CDRH5D18, FOSC = 300kHz)
CL :
10V 10
µF (Ceramic capacitor, LMK325BJ106ML, TAIYOYUDEN)
Use the formula below when step-up ratio and output current is large.
CL = (CL standard value)
× (IOUT(mA) / 300mA × VOUT / VIN)
RSENSE : 100m
Ω
(FOSC = 300kHz)
Look up "Low Chip Resistor" for the selection
50m
Ω
(FOSC = 100kHz)
When Tantalum condenser is used :
L:
22
µH (SUMIDA CDRH5D28, FOSC = 300kHz)
47
µH (SUMIDA CDRH5D28, FOSC = 100kHz)
Except when IOUT(mA) / 100mA
× VOUT / VIN > 2 → 22µH
CL:
16V 47
µF (tantalum type NIPPONCHEMI 16MCE476MD2)
Use the formula below when step-up ratio and output current is large.
CL = (CL standard value)
× (IOUT(mA) / 300mA × VOUT / VIN)
RSENSE:
Not required, but short out the wire.
When AL Electrolytic condenser is used :
L:
22
µH (SUMIDA CDRH5D28, FOSC = 300kHz)
47
µH (SUMIDA CDRH5D28, FOSC = 100kHz)
Except when IOUT(mA) / 100mA
× VOUT / VIN > 2 → 22µH
CL:
16V 100
µF (AL electrolytic type) + 10V 2.2µF (ceramic type)
Strengthen appropriately when step-up ratio and output current is large.
RSENSE:
Not required, but short out the wire.
CFB:
Set up so that fzfb = 100kHz.
6
Output voltage can be set by adding external split resistors. Output voltage is determined by the following equation, based on the values
of RFB1 and RFB2. The sum of RFB1 and RFB2 should normally be 2 M
Ω or less. The range of reference voltage of the series can be
varied externally from 0.8V to 2.5V.
PWM Control, PWM/PFM Switching Control,
Step-up DC/DC Converters
Externally Applied Reference Voltage (Vref)
Note* : With direct voltages over 4.5V, use the
XP161A11A1PR.
The value of CFB1, speed-up capacitor for phase compensation, should result in fzfb = 1/(2
π × CFB × RFB1) equal to 5 to 30kHz.
Adjustments are required depending on the application, value of inductance (L), and value of load capacity (CL).
The circuit of the XC9106/9107 series is organized by a specialized circuit which reenacts negative feedback of both voltage and
current. Also by insertion of approximately 100m
Ω of a low and inexpensive sense resistor as current sense, a high degree of
stability is possible even using a ceramic capacitor, a condition which used to be difficult to achieve. Compared to a tantalum
condenser, because the series can be operated in a very small capacity, it is suited to use of the ceramic capacitor which is cheap
and small.
XC9106 / 07 Series



Html Pages

1 2 3 4 5 6 7