Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM8AL3L48 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części STM8AL3L48
Szczegółowy opis  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L48 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button STM8AL3L48 Datasheet HTML 5Page - STMicroelectronics STM8AL3L48 Datasheet HTML 6Page - STMicroelectronics STM8AL3L48 Datasheet HTML 7Page - STMicroelectronics STM8AL3L48 Datasheet HTML 8Page - STMicroelectronics STM8AL3L48 Datasheet HTML 9Page - STMicroelectronics STM8AL3L48 Datasheet HTML 10Page - STMicroelectronics STM8AL3L48 Datasheet HTML 11Page - STMicroelectronics STM8AL3L48 Datasheet HTML 12Page - STMicroelectronics STM8AL3L48 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 124 page
background image
DocID18474 Rev 7
9/124
STM8AL313x/4x/6x STM8AL3L4x/6x
List of figures
9
Figure 48.
VFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch very thin profile fine pitch quad
flat package recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 117
Figure 49.
VFQFPN32 marking example (package top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118
Figure 50.
Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x
ordering information scheme1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More