Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM8AL3L68 Arkusz danych(PDF) 88 Page - STMicroelectronics

Numer części STM8AL3L68
Szczegółowy opis  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L68 Arkusz danych(HTML) 88 Page - STMicroelectronics

Back Button STM8AL3L68 Datasheet HTML 84Page - STMicroelectronics STM8AL3L68 Datasheet HTML 85Page - STMicroelectronics STM8AL3L68 Datasheet HTML 86Page - STMicroelectronics STM8AL3L68 Datasheet HTML 87Page - STMicroelectronics STM8AL3L68 Datasheet HTML 88Page - STMicroelectronics STM8AL3L68 Datasheet HTML 89Page - STMicroelectronics STM8AL3L68 Datasheet HTML 90Page - STMicroelectronics STM8AL3L68 Datasheet HTML 91Page - STMicroelectronics STM8AL3L68 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 124 page
background image
Electrical parameters
STM8AL313x/4x/6x STM8AL3L4x/6x
88/124
DocID18474 Rev 7
Figure 30. Typical NRST pull-up current Ipu vs VDD
The reset network shown in Figure 31 protects the device against parasitic resets. The user
must ensure that the level on the NRST pin can go below the VIL max. level specified in
Table 45. Otherwise the reset is not taken into account internally.
For power consumption sensitive applications, the external reset capacitor value can be
reduced to limit the charge/discharge current. If the NRST signal is used to reset the
external circuitry, attention must be paid to the charge/discharge time of the external
capacitor to fulfill the external devices reset timing conditions. The minimum recommended
capacity is 10 nF.
Figure 31. Recommended NRST pin configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More