Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F334x8 Arkusz danych(PDF) 17 Page - STMicroelectronics

Numer części STM32F334x8
Szczegółowy opis  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334x8 Arkusz danych(HTML) 17 Page - STMicroelectronics

Back Button STM32F334x8 Datasheet HTML 13Page - STMicroelectronics STM32F334x8 Datasheet HTML 14Page - STMicroelectronics STM32F334x8 Datasheet HTML 15Page - STMicroelectronics STM32F334x8 Datasheet HTML 16Page - STMicroelectronics STM32F334x8 Datasheet HTML 17Page - STMicroelectronics STM32F334x8 Datasheet HTML 18Page - STMicroelectronics STM32F334x8 Datasheet HTML 19Page - STMicroelectronics STM32F334x8 Datasheet HTML 20Page - STMicroelectronics STM32F334x8 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 115 page
background image
DocID025409 Rev 5
17/115
STM32F334x4 STM32F334x6 STM32F334x8
Functional overview
43
3.6
Clocks and startup
System clock selection is performed on startup, however the internal RC 8 MHz oscillator is
selected as default CPU clock on reset. An external 4-32 MHz clock can be selected, in
which case it is monitored for failure. If failure is detected, the system automatically switches
back to the internal RC oscillator. A software interrupt is generated if enabled. Similarly, full
interrupt management of the PLL clock entry is available when necessary (for example with
failure of an indirectly used external oscillator).
Several prescalers allow to configure the AHB frequency, the high speed APB (APB2) and
the low speed APB (APB1) domains. The maximum frequency of the AHB and the high
speed APB domains is 72 MHz, while the maximum allowed frequency of the low speed
APB domain is 36 MHz.
TIM1and HRTIM1 maximum frequency is 144 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More