| Zakładka z wyszukiwarką danych komponentów |
|
STM8AF6223A Arkusz danych(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6223A Arkusz danych(HTML) 87 Page - STMicroelectronics |
|
87 / 106 page ![]() DocID025118 Rev 5 87/106 STM8AF6213/23/23A/26 Electrical characteristics 103 Table 55. ADC accuracy with RAIN < 10 kΩ, VDD = 5 V Symbol Parameter Conditions Typ Max(1) 1. Max value is based on characterization, not tested in production. Unit |ET| Total unadjusted error(2) 2. ADC accuracy vs. negative injection current: Injecting negative current on any of the analog input pins should be avoided as this significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a Schottky diode (pin to ground) to standard analog pins which may potentially inject negative current. Any positive injection current within the limits specified for IINJ(PIN) and IINJ(PIN) in the I/O port pin characteristics section does not affect the ADC accuracy. fADC = 2 MHz 1.6 3.5 LSB fADC = 4 MHz 2.2 4 fADC = 6 MHz 2.4 4.5 |EO| Offset error(2) fADC = 2 MHz 1.1 2.5 fADC = 4 MHz 1.5 3 fADC = 6 MHz 1.8 3 |EG| Gain error(2) fADC = 2 MHz 1.5 3 fADC = 4 MHz 2.1 3 fADC = 6 MHz 2.2 4 |ED| Differential linearity error(2) fADC = 2 MHz 0.7 1.5 fADC = 4 MHz 0.7 1.5 fADC = 6 MHz 0.7 1.5 |EL| Integral linearity error(2) fADC = 2 MHz 0.6 1.5 fADC = 4 MHz 0.8 2 fADC = 6 MHz 0.8 2 Table 56. ADC accuracy with RAIN < 10 kΩ, VDD = 3.3 V Symbol Parameter Conditions Typ Max(1) 1. Max value is based on characterization, not tested in production. Unit |ET| Total unadjusted error fADC = 2 MHz 1.6 3.5 LSB fADC = 4 MHz 1.9 4 |EO| Offset error fADC = 2 MHz 12.5 fADC = 4 MHz 1.5 2.5 |EG| Gain error fADC = 2 MHz 1.3 3 fADC = 4 MHz 23 |ED| Differential linearity error fADC = 2 MHz 0.7 1 fADC = 4 MHz 0.7 1.5 |EL| Integral linearity error fADC = 2 MHz 0.6 1.5 fADC = 4 MHz 0.8 2 |