| Zakładka z wyszukiwarką danych komponentów |
|
STM8AL3188TCX Arkusz danych(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3188TCX Arkusz danych(HTML) 34 Page - STMicroelectronics |
|
34 / 131 page ![]() Pin description STM8AL318x STM8AL3L8x 34/131 DocID027179 Rev 6 64 52 - PG7/LCD_SEG35/ SPI2_MISO I/O FT(5) X XX HS X X Port G7 LCD segment 35 / SPI2 master in- slave out 23 - - PE0/LCD_SEG1(3)/ TIM5_CH2 I/O FT(5) X XX HS X X Port E0 LCD segment 1 /Timer 5 channel 2 -19 14 PE0/LCD_SEG1(3)/ TIM5_CH2/RTC_TAMP1 I/O FT(5) X XX HS X X Port E0 LCD segment 1 /Timer 5 channel 2 / RTC tamper 1 24 - - PE1/TIM1_CH2N /LCD_SEG2(3) I/O FT(5) X XX HS X X Port E1 Timer 1 - inverted channel 2 / LCD segment 2 -20 15 PE1/TIM1_CH2N /LCD_SEG2(3)/ RTC_TAMP2 I/O FT(5) X XX HS X X Port E1 Timer 1 - inverted channel 2 / LCD segment 2 / RTC tamper 2 25 - - PE2/TIM1_CH3N /LCD_SEG3(3) I/O FT(5) X XX HS X X Port E2 Timer 1 - inverted channel 3 / LCD segment 3 -21 16 PE2/TIM1_CH3N /LCD_SEG3(3)/ RTC_TAMP3 I/O FT(5) X XX HS X X Port E2 Timer 1 - inverted channel 3 / LCD segment 3 / RTC tamper 3 26 - - PE3/LCD_SEG4(3) I/O FT(5) X XX HS X X Port E3 LCD segment 4 -22 17 PE3/LCD_SEG4(3)/ USART2_RX I/O FT(5) X XX HS X X Port E3 LCD segment 4/ USART2 receive 27 - - PE4/LCD_SEG5(3)/ DAC_TRIG1 I/O FT(5) X XX HS X X Port E4 LCD segment 5/ DAC 1 trigger -23 18 PE4/LCD_SEG5(3)/ DAC_TRIG2/USART2_TX I/O FT(5) X XX HS X X Port E4 LCD segment 5/ DAC 2 trigger/ USART2 transmit 28 - - PE5/LCD_SEG6(3)/ ADC1_IN23/COMP1_INP/ COMP2_INP I/O FT(5) X XX HS X X Port E5 LCD segment 6 / ADC1_IN23/Comparator 1 positive input/Comparator 2 positive input -24 19 PE5/LCD_SEG6(3)/ ADC1_IN23/COMP1_INP/ COMP2_INP/ USART2_CK I/O FT(5) X XX HS X X Port E5 LCD segment 6 / ADC1_IN23/ Comparator 1 positive input/ Comparator 2 positive input/USART2 synchronous clock -- 47 PE6/LCD_SEG26(3)/ PVD_IN/TIM5_BKIN/ USART3_TX I/O FT(5) X XX HS X X Port E6 LCD segment 26 /PVD_IN /TIM5 break input / USART3 transmit Table 5. High-density STM8AL3x8x pin description (continued) Pin number Pin name Input Output Default alternate function |