Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F446RE Arkusz danych(PDF) 47 Page - STMicroelectronics

Numer części STM32F446RE
Szczegółowy opis  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RE Arkusz danych(HTML) 47 Page - STMicroelectronics

Back Button STM32F446RE Datasheet HTML 43Page - STMicroelectronics STM32F446RE Datasheet HTML 44Page - STMicroelectronics STM32F446RE Datasheet HTML 45Page - STMicroelectronics STM32F446RE Datasheet HTML 46Page - STMicroelectronics STM32F446RE Datasheet HTML 47Page - STMicroelectronics STM32F446RE Datasheet HTML 48Page - STMicroelectronics STM32F446RE Datasheet HTML 49Page - STMicroelectronics STM32F446RE Datasheet HTML 50Page - STMicroelectronics STM32F446RE Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 202 page
background image
DocID027107 Rev 6
47/202
STM32F446xC/E
Pinout and pin description
66
-
5
-
B4
5
PE6
I/O FT
-
TRACED3, TIM9_CH2,
SPI4_MOSI, SAI1_SD_A,
FMC_A22, DCMI_D7,
EVENTOUT
-
1
6
B9
C2
6
VBAT
S
-
-
-
-
2
7
C8
A1
7
PC13
I/O FT
-
EVENTOUT
TAMP_1/WKUP1
38
C9
B1
8
PC14-
OSC32_IN(PC14)
I/O FT
-
EVENTOUT
OSC32_IN
4
9
D9
C1
9
PC15-
OSC32_OUT(PC15)
I/O FT
-
EVENTOUT
OSC32_OUT
--
-
C3
10
PF0
I/O FT
-
I2C2_SDA, FMC_A0,
EVENTOUT
-
--
-
C4
11
PF1
I/O FT
-
I2C2_SCL, FMC_A1,
EVENTOUT
-
--
-
D4
12
PF2
I/O FT
-
I2C2_SMBA, FMC_A2,
EVENTOUT
-
-
-
-
E2
13
PF3
I/O FT
-
FMC_A3, EVENTOUT
ADC3_IN9
-
-
-
E3
14
PF4
I/O FT
-
FMC_A4, EVENTOUT
ADC3_IN14
-
-
-
E4
15
PF5
I/O FT
-
FMC_A5, EVENTOUT
ADC3_IN15
-
10
-
D2
16
VSS
S
-
-
-
-
-11
-
D3
17
VDD
S
-
-
-
-
--
-
F3
18
PF6
I/O FT
-
TIM10_CH1, SAI1_SD_B,
QUADSPI_BK1_IO3,
EVENTOUT
ADC3_IN4
--
-
F2
19
PF7
I/O FT
-
TIM11_CH1,
SAI1_MCLK_B,
QUADSPI_BK1_IO2,
EVENTOUT
ADC3_IN5
--
-
G3
20
PF8
I/O FT
-
SAI1_SCK_B, TIM13_CH1,
QUADSPI_BK1_IO0,
EVENTOUT
ADC3_IN6
--
-
G2
21
PF9
I/O FT
-
SAI1_FS_B, TIM14_CH1,
QUADSPI_BK1_IO1,
EVENTOUT
ADC3_IN7
-
-
-
G1
22
PF10
I/O FT
-
DCMI_D11, EVENTOUT
ADC3_IN8
5
12
E9
D1
23
PH0-OSC_IN(PH0)
I/O FT
-
EVENTOUT
OSC_IN
Table 10. STM32F446xx pin and ball descriptions (continued)
Pin Number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More