| Zakładka z wyszukiwarką danych komponentów |
|
STM32F401CBU3 Arkusz danych(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CBU3 Arkusz danych(HTML) 79 Page - STMicroelectronics |
|
79 / 135 page ![]() Electrical characteristics STM32F401xB STM32F401xC 79/135 DocID024738 Rev 6 Figure 26. ACCHSI versus temperature 1. Guaranteed by characterization. Low-speed internal (LSI) RC oscillator Table 40. LSI oscillator characteristics (1) 1. VDD = 3 V, TA = –40 to 105 °C unless otherwise specified. Symbol Parameter Min Typ Max Unit fLSI(2) 2. Guaranteed by characterization. Frequency 17 32 47 kHz tsu(LSI)(3) 3. Guaranteed by design. LSI oscillator startup time - 15 40 µs IDD(LSI)(3) LSI oscillator power consumption - 0.4 0.6 µA |