| Zakładka z wyszukiwarką danych komponentów |
|
STM32469ZI Arkusz danych(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32469ZI Arkusz danych(HTML) 76 Page - STMicroelectronics |
|
76 / 217 page ![]() Port D PD0 - - - - - - - - - CAN1_RX - - FMC_D2 - - EVENT OUT PD1 - - -- - - -- - CAN1_TX -- FMC_D3 -- EVENT OUT PD2 TRACED 2 - TIM3_ETR -- - - - UART5_ RX -- - SDIO_CMD DCMI_D11 - EVENT OUT PD3 -- - - - SPI2_SCK/I 2S2_CK - USART2_ CTS -- - - FMC_CLK DCMI_D5 LCD_G7 EVENT OUT PD4 -- - - - - - USART2_ RTS -- - - FMC_NOE -- EVENT OUT PD5 -- - - - - - USART2_T X -- - - FMC_NWE -- EVENT OUT PD6 -- - - - SPI3_MOSI /I2S3_SD SAI1_SD_ A USART2_ RX -- - - FMC_NWAI T DCMI_D10 LCD_B2 EVENT OUT PD7 -- - - - - - USART2_ CK -- - - FMC_NE1 -- EVENT OUT PD8 -- - - - - - USART3_T X -- - - FMC_D13 -- EVENT OUT PD9 -- - - - - - USART3_ RX -- - - FMC_D14 -- EVENT OUT PD10 -- - - - - - USART3_ CK -- - - FMC_D15 - LCD_B3 EVENT OUT PD11 -- - - - - - USART3_ CTS - QUADSPI_ BK1_IO0 -- FMC_A16/F MC_CLE -- EVENT OUT PD12 -- TIM4_CH1 -- - - USART3_ RTS - QUADSPI_ BK1_IO1 -- FMC_A17/F MC_ALE -- EVENT OUT PD13 -- TIM4_CH2 -- - - - - QUADSPI_ BK1_IO3 -- FMC_A18 -- EVENT OUT PD14 -- TIM4_CH3 -- - - - - - -- FMC_D0 -- EVENT OUT PD15 -- TIM4_CH4 -- - - - - - -- FMC_D1 -- EVENT ‘OUT Table 12. Alternate function (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/ 5 TIM8/9/ 10/11 I2C1/2/3 SPI1/2/3 /4/5/6 SPI2/3/ SAI1 SPI2/3/ USART 1/2/3 USAR T6/ UART 4/5/7/ 8 CAN1/2/ TIM12/ 13/14/ QUAD SPI/LCD QUAD SPI/OT G2_HS /OTG1 _FS ETH FMC/ SDIO/ OTG2_ FS DCMI/ DSI HOST LCD SYS |