| Zakładka z wyszukiwarką danych komponentów |
|
STM32L475VC Arkusz danych(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L475VC Arkusz danych(HTML) 39 Page - STMicroelectronics |
|
39 / 193 page ![]() DocID027692 Rev 2 39/193 STM32L475xx Functional overview 53 All comparators can wake up from Stop mode, generate interrupts and breaks for the timers and can be also combined into a window comparator. 3.19 Operational amplifier (OPAMP) The STM32L475xx embeds two operational amplifiers with external or internal follower routing and PGA capability. The operational amplifier features: • Low input bias current • Low offset voltage • Low-power mode • Rail-to-rail input 3.20 Touch sensing controller (TSC) The touch sensing controller provides a simple solution for adding capacitive sensing functionality to any application. Capacitive sensing technology is able to detect finger presence near an electrode which is protected from direct touch by a dielectric (glass, plastic, ...). The capacitive variation introduced by the finger (or any conductive object) is measured using a proven implementation based on a surface charge transfer acquisition principle. The touch sensing controller is fully supported by the STMTouch touch sensing firmware library which is free to use and allows touch sensing functionality to be implemented reliably in the end application. The main features of the touch sensing controller are the following: • Proven and robust surface charge transfer acquisition principle • Supports up to 21 capacitive sensing channels • Up to 3 capacitive sensing channels can be acquired in parallel offering a very good response time • Spread spectrum feature to improve system robustness in noisy environments • Full hardware management of the charge transfer acquisition sequence • Programmable charge transfer frequency • Programmable sampling capacitor I/O pin • Programmable channel I/O pin • Programmable max count value to avoid long acquisition when a channel is faulty • Dedicated end of acquisition and max count error flags with interrupt capability • One sampling capacitor for up to 3 capacitive sensing channels to reduce the system components • Compatible with proximity, touchkey, linear and rotary touch sensor implementation • Designed to operate with STMTouch touch sensing firmware library Note: The number of capacitive sensing channels is dependent on the size of the packages and subject to I/O availability. |