| Zakładka z wyszukiwarką danych komponentów |
|
VIPER012HS Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER012HS Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 36 page ![]() Electrical and thermal ratings VIPer01 6/36 DocID028751 Rev 1 2 Electrical and thermal ratings Table 2: Absolute maximum ratings Symbol Pin Parameter (1)(2) Min. Max. Unit VDS 6 to 10 Drain-to-source (ground) voltage -0.3 800 V IDRAIN 6 to 10 Pulsed drain current (pulse-width limited by SOA) 2 A VCC 2 VCC voltage -0.3 Internally limited V ICC 2 VCC internal Zener current (pulsed) 45 (3) mA VDIS 3 DIS voltage -0.3 4.25 (4) V VFB 4 FB voltage -0.3 4.25 (4) V VCOMP 5 COMP voltage -0.3 5.25 (4) V PTOT Power dissipation @ Tamb < 50 °C 1 (5) W TJ Junction temperature operating range -40 150 °C TSTG Storage temperature -55 150 °C Notes: (1)Stresses beyond those listed absolute maximum ratings may cause permanent damage to the device. (2)Exposure to absolute-maximum-rated conditions for extended periods may affect the device reliability. (3) Pulse-width limited by maximum power dissipation, PTOT. (4) The AMR value is intended when VCC ≥ 5 V, otherwise the value VCC + 0.3 V has to be considered. (5) When mounted on a standard single side FR4 board with 100 mm² (0.1552 inch) of Cu (35 μm thick). Table 3: Thermal data Symbol Parameter Max. value Unit SSOP10 RthJP Thermal resistance junction-pin 35 °C/W RthJA(1) Thermal resistance junction-ambient (dissipated power 1 W) 145 Thermal resistance junction-ambient (dissipated power 1 W) (2) 90 Notes: (1)Derived by characterization. (2)When mounted on a standard single side FR4 board with 100 mm² (0.1552 inch) of Cu (35 µm thick). |