Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSM221-40AE Arkusz danych(PDF) 1 Page - Ohmite Mfg. Co.

Numer części CSM221-40AE
Szczegółowy opis  The economically priced CSM Series is suitable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OHMITE [Ohmite Mfg. Co.]
Strona internetowa  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

CSM221-40AE Arkusz danych(HTML) 1 Page - Ohmite Mfg. Co.

  CSM221-40AE Datasheet HTML 1Page - Ohmite Mfg. Co. CSM221-40AE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
164
characteristics
csM series
Board Mount Heat Sink
For TO-220 Devices
Heatsink
Surface Area
Weight
Length L
Thermal
Part Number
(in2 / mm2)
(oz / g)
(mm) Res.* (°C/W)
CSM221-12AE
1.84 / 1,188
0.13/ 3.7
12
18.0
CSM221-28AE
4.30 / 2,772
0.3 / 8.5
28
12.8
CSM221-40AE
6.14 / 3,960 0.43 / 12.2
40
12.1
CSM222-30AE
6.25 / 4,029
0.5 / 14.2
30
11.3
CSM223-50AE
10.30 / 6,645 0.6 / 17.0
50
9.8
*Free convection at 10 watts dissipation
series s P eci F icati ON s
Heat Dissipation
Heat dissipation is the total for ALL DEVICES attached to
the heat sink
(continued)
600
400
500
900
700
800
Heat Dissipated (watts)
4
2
0
10
8
6
12
14
300
1000
Air Velocity (ft./min.)
CSM221-12AE
CSM221-28AE
CSM221-40AE
0
15
30
45
60
75
90
150
135
105
120
0
1
2
3
4
5
6
7
8
9
10
600
400
500
900
700
800
Heat Dissipated (watts)
4
2
0
10
8
6
12
14
300
1000
Air Velocity (ft./min.)
CSM222-30AE
CSM223-50AE
0
15
30
45
60
75
90
150
135
105
120
0
1
2
3
4
5
6
7
8
9
10
Heat Sink
Aluminum Alloy 6063-T5 or Equivalent
with either degreased or black anodized
finish.
Solder Foot
Cold-rolled Steel, surface tin plated.
Interface
Thermal
Resistance
for improvement, use thermal joint com-
pound, 0.005 Grafoil (TGon 800 by Laird),
or phase change material (Hi-Flow by
Bergquist)
Insulato
r (Optional) Sil-Pad 900-S, K6 800-S and
K10 by Bergquist
The economically priced CSM Series is suitable for
use with TO-220 devices found in active components
as well as power resistors. With surface areas rang-
ing from 1188 Sq. mm to 6645 Sq. mm, the CSM
family comes in 5 configurations, all of them with
Black Anodized surface treatment. These heatsinks
offer a range of thermal performance from 18.0 to
9.8 C/W. Each device offers solder able mounting
feet and anywhere from 1, 2 or 3 mounting holes are
available for convenient device attachment.


Podobny numer części - CSM221-40AE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ohmite Mfg. Co.
CSM221-40AE OHMITE-CSM221-40AE Datasheet
411Kb / 2P
Board Mount Heat Sink For TO-220 Devices
More results

Podobny opis - CSM221-40AE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
AM505-200N WALL-AM505-200N Datasheet
210Kb / 2P
This economically priced converter is perfect for low power applications
logo
ECS, Inc.
ECS-130-20-3X-TR ECS-ECS-130-20-3X-TR Datasheet
164Kb / 1P
The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal. Reduces footprint of CSM-7X (HC-49USX SMD) by 50%.
ECS-250-20-3X-TR ECS-ECS-250-20-3X-TR Datasheet
164Kb / 1P
The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal. Reduces footprint of CSM-7X (HC-49USX SMD) by 50%.
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
Economically priced for commercial and industrial applications
logo
DIYI Electronic Technol...
BT152 DYELEC-BT152 Datasheet
1Mb / 3P
The BT152 is suitable for motor control
logo
ECS, Inc.
CSM-8A ECS-CSM-8A Datasheet
599Kb / 2P
The CSM-8A Series is a very cost effective, low profile SMD quartz crystal.
CSM-9 ECS-CSM-9_17 Datasheet
571Kb / 2P
The CSM-9 is a compact SMD Crystal
CSM-4AX ECS-CSM-4AX_17 Datasheet
579Kb / 2P
The CSM-4AX is an excellent choice for a low cost SMD crystal
CSM-3X ECS-CSM-3X_17 Datasheet
586Kb / 2P
The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal
ECX-19A ECS-ECX-19A_17 Datasheet
590Kb / 2P
The ECX-19A SMD crystal is pin out compatible with our CSM-12
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com