| Zakładka z wyszukiwarką danych komponentów |
|
USB5744T-I/2G Arkusz danych(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5744T-I/2G Arkusz danych(HTML) 39 Page - Microchip Technology |
|
39 / 49 page ![]() 2015-2016 Microchip Technology Inc. DS00001855D-page 39 USB5744 Note 7: 0 °C for commercial version, -40 °C for industrial version. Note 8: +70 °C for commercial version, +85 °C for industrial version. Note 9: This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included in this value. The XTALI/CLK_IN pin, XTALO pin and PCB capacitance values are required to accurately calcu- late the value of the two external load capacitors. These two external load capacitors determine the accu- racy of the 25.000 MHz frequency. 9.7.2 EXTERNAL REFERENCE CLOCK (CLK_IN) When using an external reference clock, the following input clock specifications are suggested: •25 MHz • 50% duty cycle ±10%, ±100 ppm • Jitter < 100 ps RMS |