Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS5SP128K36 Arkusz danych(PDF) 13 Page - Micross Components

Numer części AS5SP128K36
Szczegółowy opis  Byte Write support
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSS [Micross Components]
Strona internetowa  http://www.micross.com
Logo MICROSS - Micross Components

AS5SP128K36 Arkusz danych(HTML) 13 Page - Micross Components

Back Button AS5SP128K36 Datasheet HTML 6Page - Micross Components AS5SP128K36 Datasheet HTML 7Page - Micross Components AS5SP128K36 Datasheet HTML 8Page - Micross Components AS5SP128K36 Datasheet HTML 9Page - Micross Components AS5SP128K36 Datasheet HTML 10Page - Micross Components AS5SP128K36 Datasheet HTML 11Page - Micross Components AS5SP128K36 Datasheet HTML 12Page - Micross Components AS5SP128K36 Datasheet HTML 13Page - Micross Components AS5SP128K36 Datasheet HTML 14Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SSRAM
AS5SP128K36
AS5SP128K36
Rev. 1.6 10/13
Micross Components reserves the right to change products or specifications without notice.
13
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
ET = Enhanced Temperature Range
-40oC to +105oC
XT = Military Temperature Range
-55oC to +125oC
TQFP
tCD
Clock
Part Number
Configuration
(ns)
(Mhz)
AS5SP128K36DQ-5/IT
128Kx36, 3.3vCore/3.3,2.5vIO
3.0
200
AS5SP128K36DQ-6/IT
128Kx36, 3.3vCore/3.3,2.5vIO
3.5
166
AS5SP128K36DQ-7.5/IT
128Kx36, 3.3vCore/3.3,2.5vIO
4.0
133
AS5SP128K36DQ-5/ET
128Kx36, 3.3vCore/3.3,2.5vIO
3.0
200
AS5SP128K36DQ-6/ET
128Kx36, 3.3vCore/3.3,2.5vIO
3.5
166
AS5SP128K36DQ-7.5/ET
128Kx36, 3.3vCore/3.3,2.5vIO
4.0
133
AS5SP128K36DQ-6/XT
128Kx36, 3.3vCore/3.3,2.5vIO
3.5
166
AS5SP128K36DQ-7.5/XT
128Kx32, 3.3vCore/3.3,2.5vIO
4.0
133
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14