Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS8S512K32 Arkusz danych(PDF) 5 Page - Micross Components

Numer części AS8S512K32
Szczegółowy opis  Low power CMOS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSS [Micross Components]
Strona internetowa  http://www.micross.com
Logo MICROSS - Micross Components

AS8S512K32 Arkusz danych(HTML) 5 Page - Micross Components

  AS8S512K32 Datasheet HTML 1Page - Micross Components AS8S512K32 Datasheet HTML 2Page - Micross Components AS8S512K32 Datasheet HTML 3Page - Micross Components AS8S512K32 Datasheet HTML 4Page - Micross Components AS8S512K32 Datasheet HTML 5Page - Micross Components AS8S512K32 Datasheet HTML 6Page - Micross Components AS8S512K32 Datasheet HTML 7Page - Micross Components AS8S512K32 Datasheet HTML 8Page - Micross Components AS8S512K32 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.9 08/13
Micross Components reserves the right to change products or specifications without notice.
5
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(NOTE 5) (-55oC<T
A < 125
o
C and -40oC to +85oC; V
CC = 5V +10%)
MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX
READ cycle time
tRC
12
15
17
20
25
35
45
55
ns
Address access time
tAA
12
15
17
20
25
35
45
55
ns
Chip select access time
tACS
12
15
17
20
25
35
45
55
ns
Output hold from address change
tOH
22
222222
ns
Chip select to output in Low-Z
tLZCS
22
222222
ns
4,6,7
Chip select to output in High-Z
tHZCS
78
9
10
12
15
20
20
ns
4,6,7
Output enable access time
tAOE
78
9
10
12
15
20
20
ns
Output enable to output in Low-Z
tLZOE
00
000000
ns
4,6
Output disable to output in High-Z
tHZOE
79
12
12
12
15
20
20
ns
4,6
WRITE cycle time
tWC
12
15
17
20
25
35
45
55
ns
Chip select to end of write
tCW
10
12
15
15
17
20
25
25
ns
Address valid to end of write
tAW
10
12
15
15
17
20
25
25
ns
Address setup time
tAS
22222222
ns
Address hold from end of write
tAH
11111111
ns
WRITE pulse width
tWP1
10
12
15
15
17
20
25
25
ns
WRITE pulse width
tWP2
10
12
15
15
17
20
25
25
ns
Data setup time
tDS
8
10
12
10
12
15
20
20
ns
Data hold time
tDH
00000000
ns
Write disable to output in Low-z
tLZWE
22222222
ns
4,6,7
Write enable to output in High-Z
tHZWE
7
8
9
11
13
15
15
15
ns
4,6,7
WRITE CYCLE
READ CYCLE
DESCRIPTION
-20
-17
-25
SYMBOL
NOTES
UNITS
-35
-12
-15
-45
-55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com