Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIC5891YN Arkusz danych(PDF) 15 Page - Microchip Technology

Numer części MIC5891YN
Szczegółowy opis  8-Bit Serial-Input Latched Source Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5891YN Arkusz danych(HTML) 15 Page - Microchip Technology

Back Button MIC5891YN Datasheet HTML 10Page - Microchip Technology MIC5891YN Datasheet HTML 11Page - Microchip Technology MIC5891YN Datasheet HTML 12Page - Microchip Technology MIC5891YN Datasheet HTML 13Page - Microchip Technology MIC5891YN Datasheet HTML 14Page - Microchip Technology MIC5891YN Datasheet HTML 15Page - Microchip Technology MIC5891YN Datasheet HTML 16Page - Microchip Technology MIC5891YN Datasheet HTML 17Page - Microchip Technology MIC5891YN Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005638A-page 15
MIC5891
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5891YN:
8-Bit Serial-Input Latched
Source Driver, –40°C to +85°C
Junction Temperature Range,
16-Lead PDIP, 25/Tube
a) MIC5891YWM:
8-Bit Serial-Input Latched
Source Driver, –40°C to +85°C
Junction Temperature Range,
16-Lead SOICW, 47/Tube
a) MIC5891YWM-TR:
8-Bit Serial-Input Latched
Source Driver, –40°C to +85°C
Junction Temperature Range,
16-Lead SOICW, 1,000/Reel
PART NO.
XX
Package
Device
Device:
MIC5891:
8-Bit Serial-Input Latched Source Driver
Junction
Temperature
Range:
Y
=
–40°C to +85°C
Package:
N
=
16-Lead PDIP
WM =
16-Lead SOICW
Media Type:
TR
= 1,000/Reel for WM Package
(blank)= 25/Tube for N Package
(blank)= 47/Tube for WM Package
X
Junction
X.X
–
Media Type
Temperature Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18