Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

157J Arkusz danych(PDF) 1 Page - Hammond Manufacturing Ltd.

Numer części 157J
Szczegółowy opis  D.C. Reactors or Filter Chokes, Low to Medium Current
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HAMMOND [Hammond Manufacturing Ltd.]
Strona internetowa  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

157J Arkusz danych(HTML) 1 Page - Hammond Manufacturing Ltd.

  157J Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D.C. Reactors or Filter Chokes
Low to Medium Current
www.hammondmfg.com
157J
Mechanical
A
3.25” / 82.6 mm
B
1.75” / 44.5 mm
C
2” / 50.8 mm
D
2.81” / 71.4 mm
G
0.19” / 4.8 mm
Weight
1 lbs / 0.45 kg
Electrical
Inductance (+/- 15%)
10H
D.C. Current
65 ma.
Resistance (+/- 15%)
205 ohms
Maximum Operating Volt (D.C.)
400V
Features
Economical “open bracket” - channel
mount.
Tolerance of 15% on both inductance &
resistance.
Inductances measured at rated D.C.
current.
Minimum 5” long leads.
Units will exhibit less inductance at
slightly higher currents or more induc-
tance at lower currents.
Perfect for high voltage power supply
filtering.
Every unit is Hipot tested (100%) at
1,500 VAC
Units are vacuum impregnated with
polyurethane varnish for quiet and long
life operation.


Podobny numer części - 157J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
157J ETC2-157J Datasheet
261Kb / 2P
D.C. Filter (153-159 Series)
More results

Podobny opis - 157J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hammond Manufacturing L...
156M HAMMOND-156M Datasheet
181Kb / 1P
D.C. Reactors or Filter Chokes, Low to Medium Current
155T HAMMOND-155T Datasheet
181Kb / 1P
D.C. Reactors or Filter Chokes, Low to Medium Current
155J HAMMOND-155J Datasheet
181Kb / 1P
D.C. Reactors or Filter Chokes, Low to Medium Current
154G HAMMOND-154G Datasheet
181Kb / 1P
D.C. Reactors or Filter Chokes, Low to Medium Current
154E HAMMOND-154E Datasheet
181Kb / 1P
D.C. Reactors or Filter Chokes, Low to Medium Current
154B HAMMOND-154B Datasheet
181Kb / 1P
D.C. Reactors or Filter Chokes, Low to Medium Current
153L HAMMOND-153L Datasheet
181Kb / 1P
D.C. Reactors or Filter Chokes, Low to Medium Current
159Y HAMMOND-159Y Datasheet
181Kb / 1P
D.C. Reactors or Filter Chokes, Low to Medium Current
158T HAMMOND-158T Datasheet
181Kb / 1P
D.C. Reactors or Filter Chokes, Low to Medium Current
158L HAMMOND-158L Datasheet
181Kb / 1P
D.C. Reactors or Filter Chokes, Low to Medium Current
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com