| Zakładka z wyszukiwarką danych komponentów |
|
T89C51RC2-RLSIM Arkusz danych(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51RC2-RLSIM Arkusz danych(HTML) 2 Page - ATMEL Corporation |
|
2 / 9 page ![]() 2 Rev. B - 30-Mar-01 Preliminary T89C51RB2/RC2 • Hardware Watchdog Timer (One-time enabled with Reset-Out) • Power control modes: • Idle Mode. • Power-down mode. -50 µA at 3V - 100 µA Commercial at 5V - 150 µA Industrial at 5V • Power-Off Flag. • Power supply: 4.5 to 5.5V or 2.7 to 3.6V • Temperature ranges: Commercial (0 to +70°C) and industrial (-40°C to +85°C). • Packages: PDIL40, PLCC44, VQFP44 Table 1. Memory Size 3. Block Diagram Flash (bytes) XRAM (bytes) TOTAL RAM (bytes) I/O T89C51RB2 16k 1024 1280 32 T89C51RC2 32k 1024 1280 32 Timer 0 INT RAM 256x8 WR RD EA PSEN ALE/ XTAL2 XTAL1 EUART CPU Timer 1 Ctrl (2) (2) C51 CORE (2) (2) (2) (2) Port 0 Port 1 Port 2 Port 3 Parallel I/O Ports & Ext. Bus XRAM 1Kx8 IB-bus PCA PROG Watch Dog (2) (2) (1) (1): Alternate function of Port 1 (2): Alternate function of Port 3 (1) Timer2 (1) (1) Port I2 Flash 32Kx8 or 16Kx8 Key Board ROM 2Kx8 Boot + BRG SPI (1) (1) (1) (1) |