| Zakładka z wyszukiwarką danych komponentów |
|
USB5734 Arkusz danych(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5734 Arkusz danych(HTML) 33 Page - Microchip Technology |
|
33 / 61 page ![]() 2015-2016 Microchip Technology Inc. DS00001854D-page 33 USB5734 6.1.2 SMBUS ACCESSIBLE FUNCTIONS OTP access and configuration of specific device functions are possible via the USB5734 SMBus. All OTP parameters can be modified via the SMBus Host. The OTP can be programmed to operate in Single-Ended, Differential, Redundant, or Differential Redundant mode, depending on the level of reliability required. For more information, refer to AN1903 - “Configuration Options for the USB5734 and USB5744” application note at www.microchip.com/AN1903. |