| Zakładka z wyszukiwarką danych komponentów |
|
MCP79401-I/MS Arkusz danych(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP79401-I/MS Arkusz danych(HTML) 39 Page - Microchip Technology |
|
39 / 62 page ![]() 2011-2016 Microchip Technology Inc. DS20005009F-page 39 MCP79400/MCP79401/MCP79402 6.2.4 ACKNOWLEDGE POLLING Since the device will not acknowledge an EEPROM control byte during an internal EEPROM write cycle, this can be used to determine when the cycle is complete. This feature can be used to maximize bus throughput. Once the Stop condition for a Write command has been issued from the master, the device initiates the internally timed write cycle. ACK polling can be initiated immediately. This involves the master sending a Start condition, followed by the control byte for a Write command (R/W = 0). If the device is still busy with the write cycle, then no ACK will be returned. If no ACK is returned, then the Start bit and control byte must be resent. If the cycle is complete, then the device will return the ACK, and the master can then proceed with the next Read or Write command. See Figure 6-7 for the flow diagram. FIGURE 6-7: ACKNOWLEDGE POLLING FLOW Send EEPROM Write Command Send Stop Condition to Initiate Write Cycle Send Start Send Control Byte with R/W = 0 Did Device Acknowledge (ACK = 0)? Next Operation NO* YES Note*: For added system robustness, implement time-out checking to avoid a potential infinite loop. Note: For added systems robustness, it is recommended that time-out functionality be implemented in the acknowledge polling routine to avoid potentially hanging the system by entering an infinite loop. This can easily be done by designing in a maximum number of loops the routine will execute, or through the use of a hardware timer. If a time out occurs, polling should be aborted by sending a Stop condition. A user-generated error-handling routine can then be called, allowing the system to recover in a manner appropriate for the application. |