Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3351MM Arkusz danych(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM3351MM
Szczegółowy opis  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3351MM Arkusz danych(HTML) 6 Page - National Semiconductor (TI)

  LM3351MM Datasheet HTML 1Page - National Semiconductor (TI) LM3351MM Datasheet HTML 2Page - National Semiconductor (TI) LM3351MM Datasheet HTML 3Page - National Semiconductor (TI) LM3351MM Datasheet HTML 4Page - National Semiconductor (TI) LM3351MM Datasheet HTML 5Page - National Semiconductor (TI) LM3351MM Datasheet HTML 6Page - National Semiconductor (TI) LM3351MM Datasheet HTML 7Page - National Semiconductor (TI) LM3351MM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Typical Application Circuits
Layout Information
LAYOUT CONSIDERATIONS
The LM3351’s high switching frequency (200 kHz) makes a good layout important.
Figure 3 illustrates a typical layout. It is im-
portant to keep the distance short between the four capacitors and the IC. Wide traces and grounding are also recommended.
These steps will minimize trace inductance and high frequency ringing. Of the four capacitors, C
IN and COUT have the highest
value of di/dt. It is therefore most important to keep them close to the IC. The ground lead that C
IN and COUT share should also
be kept wide and short.
The location of the diode (D1) used in the step-up configuration is not critical. This diode is only used during the initial turn on of
the IC. D1 is not needed in step-down applications.
DS100146-12
FIGURE 1. Step-Up Converter
DS100146-13
FIGURE 2. Step-Down Converter
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8