Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F413CH Arkusz danych(PDF) 71 Page - STMicroelectronics

Numer części STM32F413CH
Szczegółowy opis  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CH Arkusz danych(HTML) 71 Page - STMicroelectronics

Back Button STM32F413CH Datasheet HTML 67Page - STMicroelectronics STM32F413CH Datasheet HTML 68Page - STMicroelectronics STM32F413CH Datasheet HTML 69Page - STMicroelectronics STM32F413CH Datasheet HTML 70Page - STMicroelectronics STM32F413CH Datasheet HTML 71Page - STMicroelectronics STM32F413CH Datasheet HTML 72Page - STMicroelectronics STM32F413CH Datasheet HTML 73Page - STMicroelectronics STM32F413CH Datasheet HTML 74Page - STMicroelectronics STM32F413CH Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 207 page
background image
PG0
-
-
-
-
-
-
-
-
-
CAN1_RX
-
UART9_
RX
FSMC_A10
-
-
EVENT
OUT
PG1
-
-
-
-
-
-
-
-
-
CAN1_TX
-
UART9_
TX
FSMC_A11
-
-
EVENT
OUT
PG2
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A12
-
-
EVENT
OUT
PG3
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A13
-
-
EVENT
OUT
PG4
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A14
-
-
EVENT
OUT
PG5
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A15
-
-
EVENT
OUT
PG6
-
-
-
-
-
-
-
-
-
-
QUADSPI_
BK1_NCS
--
-
-
EVENT
OUT
PG7
-
-
-
-
-
-
-
-
USART6_
CK
--
-
-
-
-
EVENT
OUT
PG8
-
-
-
-
-
-
-
-
USART6_
RTS
--
-
-
-
-
EVENT
OUT
PG9
-
-
-
-
-
-
-
-
USART6_
RX
QUADSPI_
BK2_IO2
--
FSMC_NE2
-
-
EVENT
OUT
PG10
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_NE3
-
-
EVENT
OUT
PG11
-
-
-
-
-
-
-
-
-
CAN2_RX
-
UART10
_RX
--
-
EVENT
OUT
PG12
-
-
-
-
-
-
-
-
USART6_
RTS
CAN2_TX
-
UART10
_TX
FSMC_NE4
-
-
EVENT
OUT
PG13
TRACE
D2
--
-
-
-
-
-
USART6_
CTS
-
-
-
FSMC_A24
-
-
EVENT
OUT
PG14
TRACE
D3
--
-
-
-
-
-
USART6_
TX
QUADSPI_
BK2_IO3
--
FSMC_A25
-
-
EVENT
OUT
PG15
-
-
-
-
-
-
-
-
USART6_
CTS
--
-
-
-
-
EVENT
OUT
Table 11. STM32F413xG/H alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13 AF14
AF15
SYS_
AF
TIM1/2/
LPTIM1
TIM3/4/5
DFSDM2/
TIM8/9/10/11
I2C1/2/3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4/
SPI5/I2S5/
DFSDM1/2
SPI3/I2S3/
SAI1/
DFSDM2/
USART1/
USART2/
USART3
DFSDM1/
USART3/4/
5/6/7/8/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/2/
TIM12/13/14/
QUADSPI
SAI1/
DFSDM1/
DFSDM2/
QUADSPI/
FSMC
/OTG1_FS
UART4/
UART5/
UART9/
UART10
/CAN3
FSMC /SDIO
-
RNG
SYS_
AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More