| Zakładka z wyszukiwarką danych komponentów |
|
LAN9115 Arkusz danych(PDF) 21 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9115 Arkusz danych(HTML) 21 Page - SMSC Corporation |
|
21 / 136 page ![]() Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller Datasheet SMSC LAN9115 21 Revision 1.5 (07-11-08) DATASHEET Note 2.2 The external SMI port is selected when SMI_SEL = 1. When SMI_SEL = 0, MDIO is tri- stated and MDC is driven low. 31 Management Data Clock MDC O8 (PD) 1 Management Data Clock: When SMI_SEL = 1, this pin is the MII management data clock. When SMI_SEL=0, this pin is driven low. See Note 2.2. Note: See Section 5.3.9, "HW_CFG—Hardware Configuration Register" for more information on SMI_SEL. Table 2.6 MII Interface Signals (continued) PIN NO. NAME SYMBOL BUFFER TYPE NUM PINS DESCRIPTION |