| Zakładka z wyszukiwarką danych komponentów |
|
AM4TW-4805D-RVZ Arkusz danych(PDF) 2 Page - AIMTEC |
|
|
|||||||||||||||||||||||||||||
AM4TW-4805D-RVZ Arkusz danych(HTML) 2 Page - AIMTEC |
|
2 / 3 page ![]() Series AM4TW-RVZ 4 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R13.C 2 of 3 North America only General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 100-400 KHz Operating temperature Full Load (see derating chart) -40 to +85 oC Storage temperature -40 to +125 oC Max Case temperature 100 oC Cooling Free air convection Humidity 95 % Case material Nickel coated copper Weight 12.16 g Dimensions(L x W x H) Tolerance ±0.5 mm or ±0.02 inches 1.25 x 0.8 x 0.4 inches 31.75 x 20.32 x 10.16 mm MTBF >2,200,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC) Safety Specifications Parameters Standards Designed to meet IEC 60950-1 NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Pin Out Specifications Pin 1500 VDC Single Dual 2 -V Input -V Input 3 -V Input -V Input 9 No pin Common 11 N.C. -V Output 14 +V Output +V Output 16 -V Output Common 22 +V Input +V Input 23 +V Input +V Input |