| Zakładka z wyszukiwarką danych komponentów |
|
MLX71122 Arkusz danych(PDF) 39 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX71122 Arkusz danych(HTML) 39 Page - Melexis Microelectronic Systems |
|
39 / 59 page ![]() MLX71122 300 to 930MHz FSK/FM/ASK Receiver Datasheet REVISION 014 – AUGUST, 2016 Page 39 of 59 390 10 71122 01 4. Register Description The following tables are to describe the functionality of the registers. Sec. 4.1 provides a register overview with all the control words R0 to R7. The subsequent sections. 4.1.1 to 4.1.8 show the content of the control words in more detail. Programming the registers requires SPI mode (SPISEL = 1). Default settings are for ABC mode. 4.1. Register Overview CONTROL WORD DATA LATCH ADDRESS MSB LSB Bit No. 11 10 9 8 7 6 5 4 3 2 1 0 MSB LSB default 0 0 0 0 1 0 0 0 1 1 0 0 0 0 0 R0 read/ write Bit No. 11 10 9 8 7 6 5 4 3 2 1 0 MSB LSB default 1 0 0 0 1 1 1 1 0 1 0 0 0 0 1 R1 read/ write Bit No. 11 10 9 8 7 6 5 4 3 2 1 0 MSB LSB default 1 1 1 1 0 0 0 1 0 1 0 0 0 1 0 R2 read/ write Bit No. 11 10 9 8 7 6 5 4 3 2 1 0 MSB LSB default 0 0 0 1 0 0 0 0 0 0 0 0 0 1 1 R3 read/ write |