| Zakładka z wyszukiwarką danych komponentów |
|
L7905CV Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7905CV Arkusz danych(HTML) 4 Page - STMicroelectronics |
|
4 / 16 page ![]() L7900 SERIES 4/16 ELECTRICAL CHARACTERISTICS OF L7952C (refer to the test circuits, TJ = 0 to 125°C, VI = -10V, IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. ELECTRICAL CHARACTERISTICS OF L7906C (refer to the test circuits, TJ = 0 to 125°C, VI = -11V, IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C -5.0 -5.2 -5.4 V VO Output Voltage IO =-5mAto -1A PO ≤ 15 W VI = -9 to -21 V -4.95 -5.2 -5.45 V ∆V O(*) Line Regulation VI =-8 to-25 V TJ = 25°C 105 mV VI =-9 to-12 V TJ = 25°C 52 ∆V O(*) Load Regulation IO =5mAto 1.5 A TJ = 25°C 105 mV IO = 250 to 750 mA TJ = 25°C 52 Id Quiescent Current TJ = 25°C 3 mA ∆I d Quiescent Current Change IO =5mAto 1 A 0.5 mA VI = -9 to -25 V 1.3 ∆V O/∆T Output Voltage Drift IO = 5 mA -0.5 mV/°C eN Output Noise Voltage B = 10Hz to 100KHz TJ = 25°C 125 µV SVR Supply Voltage Rejection ∆V I = 10 V f = 120Hz 54 60 dB Vd Dropout Voltage IO =1A TJ = 25°C ∆V O = 100 mV 1.4 V Isc Short Circuit Current 2 A Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C -5.75 -6 -6.25 V VO Output Voltage IO =-5mAto -1A PO ≤ 15 W VI = -9.5 to -21.5 V -5.7 -6 -6.3 V ∆V O(*) Line Regulation VI = -8.5 to -25 V TJ = 25°C 120 mV VI =-9 to-15 V TJ = 25°C 60 ∆V O(*) Load Regulation IO =5mAto 1.5 A TJ = 25°C 120 mV IO = 250 to 750 mA TJ = 25°C 60 Id Quiescent Current TJ = 25°C 3 mA ∆I d Quiescent Current Change IO =5mAto 1 A 0.5 mA VI = -9.5 to -25 V 1.3 ∆V O/∆T Output Voltage Drift IO = 5 mA -0.6 mV/°C eN Output Noise Voltage B = 10Hz to 100KHz TJ = 25°C 144 µV SVR Supply Voltage Rejection ∆V I = 10 V f = 120Hz 54 60 dB Vd Dropout Voltage IO =1A TJ = 25°C ∆V O = 100 mV 1.4 V Isc Short Circuit Current 2 A |