Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TH72016 Arkusz danych(PDF) 4 Page - Melexis Microelectronic Systems

Numer części TH72016
Szczegółowy opis  FSK/ASK Transmitter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72016 Arkusz danych(HTML) 4 Page - Melexis Microelectronic Systems

  TH72016_12 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72016_12 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72016_12 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72016_12 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72016_12 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72016_12 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72016_12 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72016_12 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72016_12 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TH72016
433MHz
FSK/ASK Transmitter
39010 72016
Page 4 of 15
Data Sheet
Rev. 009
Jan/12
f min
fc
f
fmax
eff
CL
eff
CL
R1
C1
C0
L1
XTAL
CL
CX1 CRO
CX1+CRO
(CX1+CX2) CRO
CX1+CX2+CRO
2.2
FSK Modulation
FSK modulation can be achieved by pulling the
crystal
oscillator
frequency.
A
CMOS-
compatible data stream applied at the pin
FSKDTA digitally modulates the XOSC via an
integrated NMOS switch. Two external pulling
capacitors CX1 and CX2 allow the FSK devia-
tion ∆f and the center frequency fc to be ad-
justed independently. At FSKDTA = 0, CX2 is
connected in parallel to CX1 leading to the low-
frequency component of the FSK spectrum
(fmin); while at FSKDTA = 1, CX2 is deactivated
and the XOSC is set to its high frequency fmax.
An external reference signal can be directly AC-
coupled to the reference oscillator input pin
ROI. Then the transmitter is used without a
crystal. Now the reference signal sets the car-
rier frequency and may also contain the FSK (or
FM) modulation.
Fig. 2:
Crystal pulling circuitry
FSKDTA
Description
0
fmin= fc - ∆f (FSK switch is closed)
1
fmax= fc + ∆f (FSK switch is open)
2.3
Crystal Pulling
A crystal is tuned by the manufacturer to the
required oscillation frequency f0 at a given load
capacitance CL and within the specified calibra-
tion tolerance. The only way to pull the oscilla-
tion frequency is to vary the effective load ca-
pacitance CLeff seen by the crystal.
Figure 3 shows the oscillation frequency of a
crystal as a function of the effective load ca-
pacitance. This capacitance changes in accor-
dance with the logic level of FSKDTA around
the specified load capacitance. The figure illus-
trates the relationship between the external
pulling capacitors and the frequency deviation.
It can also be seen that the pulling sensitivity
increases with the reduction of CL. Therefore,
applications with a high frequency deviation
require a low load capacitance. For narrow
band FSK applications, a higher load capaci-
tance could be chosen in order to reduce the
frequency drift caused by the tolerances of the
chip and the external pulling capacitors.
Fig. 3:
Crystal pulling characteristic
For ASK applications CX2 can be omitted. Then CX1 has to be adjusted for center frequency.
CX2
VCC
XTAL
CX1
ROI
FSKSW
VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com