Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TH72015 Arkusz danych(PDF) 5 Page - Melexis Microelectronic Systems

Numer części TH72015
Szczegółowy opis  FSK/ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72015 Arkusz danych(HTML) 5 Page - Melexis Microelectronic Systems

  TH72015_12 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72015_12 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72015_12 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72015_12 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72015_12 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72015_12 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72015_12 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72015_12 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72015_12 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TH72015
433MHz
FSK/ASK Transmitter
3901072015
Page 5 of 20
Data Sheet
Rev. 011
Jun/12
2.4
ASK Modulation
The PLL transmitter can be ASK-modulated by
applying a data stream directly at the pin
ASKDTA.
This
turns
the
internal
current
sources of the power amplifier on and off and
therefore leads to an ASK signal at the output.
ASKDTA
Description
0
Power amplifier is turned off
1
Power amplifier is turned on (according
to the selected output power step)
2.5
Output Power Selection
The transmitter is provided with an output power selection feature. There are four predefined output power
steps and one off-step accessible via the power selection pin PSEL. A digital power step adjustment was
chosen because of its high accuracy and stability. The number of steps and the step sizes as well as the
corresponding power levels are selected to cover a wide spectrum of different applications.
The implementation of the output power control
logic is shown in figure 4. There are two
matched current sources with an amount of
about 8 µA. One current source is directly
applied to the PSEL pin. The other current
source is used for the generation of reference
voltages with a resistor ladder. These reference
voltages are defining the thresholds between
the power steps. The four comparators deliver
thermometer-coded control signals depending
on the voltage level at the pin PSEL. In order to
have a certain amount of ripple tolerance in a
noisy
environment
the
comparators
are
provided with a little hysteresis of about 20 mV.
With these control signals, weighted current
sources of the power amplifier are switched on
or off to set the desired output power level
(Digitally
Controlled
Current
Source).
The
LOCK, ASK signal and the output of the low
voltage detector are gating this current source.
Fig. 4: Block diagram of output power control circuitry
There are two ways to select the desired output power step. First by applying a DC voltage at the pin PSEL,
then this voltage directly selects the desired output power step. This kind of power selection can be used if
the transmission power must be changed during operation. For a fixed-power application a resistor can be
used which is connected from the PSEL pin to ground. The voltage drop across this resistor selects the
desired output power level. For fixed-power applications at the highest power step this resistor can be
omitted. The pin PSEL is in a high impedance state during the “TX standby” mode.
2.6
Lock Detection
The lock detection circuitry turns on the power amplifier only after PLL lock. This prevents from unwanted
emission of the transmitter if the PLL is unlocked.
2.7
Low Voltage Detection
The supply voltage is sensed by a low voltage detect circuitry. The power amplifier is turned off if the supply
voltage drops below a value of about 1.85 V. This is done in order to prevent unwanted emission of the
transmitter if the supply voltage is too low.
ASKDTA
&
&
&
PSEL
&
&
RPS
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com