Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EM44CM0884LBA Arkusz danych(PDF) 21 Page - Eorex Corporation

Numer części EM44CM0884LBA
Szczegółowy opis  Programmable CAS Latency
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EOREX [Eorex Corporation]
Strona internetowa  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM44CM0884LBA Arkusz danych(HTML) 21 Page - Eorex Corporation

Back Button EM44CM0884LBA Datasheet HTML 17Page - Eorex Corporation EM44CM0884LBA Datasheet HTML 18Page - Eorex Corporation EM44CM0884LBA Datasheet HTML 19Page - Eorex Corporation EM44CM0884LBA Datasheet HTML 20Page - Eorex Corporation EM44CM0884LBA Datasheet HTML 21Page - Eorex Corporation EM44CM0884LBA Datasheet HTML 22Page - Eorex Corporation EM44CM0884LBA Datasheet HTML 23Page - Eorex Corporation EM44CM0884LBA Datasheet HTML 24Page - Eorex Corporation EM44CM0884LBA Datasheet HTML 25Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
EM44CM0884LBA
Dec. 2014
21/28
www.eorex.com
Mode Register Definition
Mode Register Set
The mode register stores the data for controlling the various operating modes of DDR2 SDRAM which contains
addressing mode, burst length, /CAS latency, WR (write recovery), test mode, DLL reset and various vendor‟s
specific opinions.
The defaults value of the register is not defined, so the mode register must be written after power up for proper
DDR2 SDRAM operation. The mode register is written by asserting low on /CS, /RAS, /CAS, /WE and BA0/1.
The state of the address pins A0-A12 in the same cycle as /CS, /RAS, /CAS, /WE and BA0/1 going low is
written in the mode register.
Two clock cycles are requested to complete the write operation in the mode register. The mode register
contents can be changed using the same command and clock cycle requirements during operating as long as
all banks are in the idle state.
The mode register is divided into various fields depending on functionality. The burst length uses A0-A2,
addressing mode uses A3, /CAS latency (read latency from column address) uses A4-A6. A7 is used for test
mode. A8 is used for DDR reset. A9 ~ A11 are used for write recovery time (WR), A7 must be set to low for
normal MRS operation. With address bit A12 two Power-
Down modes can be selected, a “standard mode” and
a “low-power” Power-Down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com