Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIC2506 Arkusz danych(PDF) 21 Page - Microchip Technology

Numer części MIC2506
Szczegółowy opis  Single 2A/Dual 1A High-Side Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2506 Arkusz danych(HTML) 21 Page - Microchip Technology

Back Button MIC2506 Datasheet HTML 16Page - Microchip Technology MIC2506 Datasheet HTML 17Page - Microchip Technology MIC2506 Datasheet HTML 18Page - Microchip Technology MIC2506 Datasheet HTML 19Page - Microchip Technology MIC2506 Datasheet HTML 20Page - Microchip Technology MIC2506 Datasheet HTML 21Page - Microchip Technology MIC2506 Datasheet HTML 22Page - Microchip Technology MIC2506 Datasheet HTML 23Page - Microchip Technology MIC2506 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005579A-page 21
MIC2505/6
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC2505YM:
Single 2A High-Side Switch, Active-
High with Open-Load Detect,
–40°C to +85°C Temp. Range,
8-Pin SOIC, 95/Tube
b) MIC2505YM-TR:
Single 2A High-Side Switch, Active-
High with Open-Load Detect,
–40°C to +85°C Temp. Range,
8-Pin SOIC, 2,500/Reel
c) MIC2505-1YM:
Single 2A High-Side Switch, Active-
High without Open-Load Detect,
–40°C to +85°C Temp. Range,
8-Pin SOIC, 95/Tube
d) MIC2505-1YM-TR:
Single 2A High-Side Switch, Active-
High without Open-Load Detect,
–40°C to +85°C Temp. Range,
8-Pin SOIC, 2,500/Reel
e) MIC2505-2YM:
Single 2A High-Side Switch, Active-
Low without Open-Load Detect,
–40°C to +85°C Temp. Range,
8-Pin SOIC, 95/Tube
f) MIC2505-2YM-TR:
Single 2A High-Side Switch, Active-
Low without Open-Load Detect,
–40°C to +85°C Temp. Range,
8-Pin SOIC, 2,500/Reel
g) MIC2506YM:
Dual 1A High-Side Switch, Active-
High with Open-Load Detect,
–40°C to +85°C Temp. Range,
8-Pin SOIC, 95/Tube
h) MIC2506YM-TR:
Dual 1A High-Side Switch, Active-
High with Open-Load Detect,
–40°C to +85°C Temp. Range,
8-Pin SOIC, 2,500/Reel
PART NO.
X
Package
Device
Device:
MIC2505:
Single 2A High-Side Switch
MIC2506:
Dual 1A High-Side Switch, (Note 1)
Control/Enable
and Open-Load
Detect:
Blank
=
Active-High with Open-Load Detect
1
=
Active-High without Open-Load Detect
2
=
Active-Low without Open-Load Detect
Temperature:
Y
=
–40°C to +85°C
Package:
M
=
8-Pin SOIC
Media Type:
TR =
2,500/Reel
none =
95/Tube
X
Control/
–
X
Temperature
Note 1:
MIC2506 is only available in an Active-High with Open-Load
Detect configuration.
Enable and
Open-Load Detect
–
X
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com