Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCD404889 Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części HCD404889
Szczegółowy opis  Low-Voltage AS Microcomputers with On-Chip LCD Circuit
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCD404889 Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  HCD404889 Datasheet HTML 1Page - Renesas Technology Corp HCD404889 Datasheet HTML 2Page - Renesas Technology Corp HCD404889 Datasheet HTML 3Page - Renesas Technology Corp HCD404889 Datasheet HTML 4Page - Renesas Technology Corp HCD404889 Datasheet HTML 5Page - Renesas Technology Corp HCD404889 Datasheet HTML 6Page - Renesas Technology Corp HCD404889 Datasheet HTML 7Page - Renesas Technology Corp HCD404889 Datasheet HTML 8Page - Renesas Technology Corp HCD404889 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 202 page
background image
HD404889/HD404899/HD404878/HD404868 Series
2
• Four Timer/counters
8-bit timer: 2 (HD404889/HD404899/HD404878 Series)
1 (HD404868 Series)
16-bit timer:1 (Can also be used as two 8-bit timer)
• 8-bit input capture circuit (HD404889/HD404899/HD404878 Series)
• Two timer outputs (including PWM out-put)
• Two event counter inputs (edge-programmable) (HD404889/HD404899/HD404878 Series)
One event counter input (edge-programmable) (HD404868 Series)
• Clock-synchronous 8-bit serial interface
• A/D converter
6 channels
× 8-bit (HD404889 Series)
6 channels
× 10-bit (HD404899 Series)
4 channels
× 10-bit (HD404868 Series)
• LCD controller/driver (32 segments × 4 commons) (HD404889/HD404899/HD404878 Series)
(24 segments
× 4 commons) (HD404868 Series)
• On-chip oscillators
 Main clock (ceramic resonator, crystal resonator, or external clock operation possible)
 Sub-clock (32.768 kHz crystal resonator)
• Interrupts
External: 3 (including one edge-programmable)
Internal : 6 (HD404889 and HD404899 Series)
: 5 (HD404878 and HD404868 Series)
• Subroutine stack up to 16 levels, including interrupts
• Four Low-power dissipation modes
• Module standby (timers, serial interface, A/D converter)
• System clock division software switching (1/4 or 1/32)
• Inputs for return from stop mode (wakeup): 4
• Instruction execution time
Min. 0.89
µs (f
OSC = 4.5 MHz)
• Operation voltage
1.8 V to 5.5 V
Cautions about operation!
• Electrical properties presented on the data sheet for the mask ROM and ZTATTM versions will surely
and sufficiently satisfy the standard values. However, real capabilities, operation margin, noise margin,
and other properties may vary depending on differences of manufacturing processes, internal wiring
patterns, etc. Therefore, it is requested for users to carry out an evaluation test for each product on an
actual system under the same conditions to see its operation.
• Memory register, data area, and stack area values are unstable immediately after power is turned on.
They must be initialized before use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com