Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASA02A48-L Arkusz danych(PDF) 2 Page - Astec America, Inc

Numer części ASA02A48-L
Szczegółowy opis  Short circuit protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTEC [Astec America, Inc]
Strona internetowa  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ASA02A48-L Arkusz danych(HTML) 2 Page - Astec America, Inc

  ASA02A48-L Datasheet HTML 1Page - Astec America, Inc ASA02A48-L Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Embedded Power for
Business-Critical Continuity
Mechanical Drawing
Ordering Information
Input
Voltage
Output 1 Voltage Output 2 Voltage
Maximum
Power
Model Number
18 - 36 V
2.5 V @ 3 A
7.5 W
ASA03G24-L
18 - 36 V
3.3 V @ 3 A
10 W
ASA03F24-L
18 - 36 V
5 V @ 2 A
10 W
ASA02A24-L
18 - 36 V
12 V @ 0.835 A
10 W
ASA00B24-L
36 - 75 V
2.5 V @ 3 A
7.5 W
ASA03G48-L
36 - 75 V
3.3 V @ 3 A
10 W
ASA03F48-L
36 - 75 V
5 V @ 2 A
10 W
ASA02A48-L
36 - 75 V
12 V@ 0.835 A
10 W
ASA00B48-L
Please contact Astec for information on other output voltages, power ranges and configurations.
Available in RoHS 6 version only.
Rev. 01.30.08
ASA 10W Series
2 of 2
2.54
(0.10)
20.32
(0.80)
3.05
(0.12)
Label
10.16
(0.40)
31.75
(1.25)
Bottom View
22.86
(0.90)
0.50
(0.02)
15.24
(0.60)
ASTEC
ASA02A48-L
IN=48Vdc Nom. OUT=5Vdc
RoHS
Date Code
Dot
Dot
-Vin
NC
NC
Vin
+Vin
-Vout
+Vout
+Vin
Top View
5.08
(0.20)
Pb
Notes:
1. All specifications subject to change without notice. Mechanical drawings are for reference only.
2. Warranty: 1 yr
3. Label and logo appearance may vary from what is shown on mechanical drawings.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2008 Emerson Electric Co.
EmersonNetworkPower. com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 (760) 930 4600
Facsimile: +1 (760) 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com