| Zakładka z wyszukiwarką danych komponentów |
|
STW451027/HF Arkusz danych(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW451027/HF Arkusz danych(HTML) 48 Page - STMicroelectronics |
|
48 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) Electrical and timing characteristics STw4510 48/57 4.3.4 CMOS input static characteristics: Vbat level 4.3.5 NMOS input: Pon Table 28. CMOS input static characteristics: Vbat level Symbol Description Test conditions Min. Typ. Max. Units Vana1_sel[0:1], Vana2_sel[0:1], Vana3_sel[0:1], Vdig_sel[0:1], Vsdc1_sel[0:1] VIL Low level input voltage 0.3*Vbat V VIH High level input voltage 0.7*Vbat V IIL Low level input current -1.0 1.5 µA IIH High Level Input Current -1.0 1.5 µA CIN Input capacitance 10 pF Table 29. Pon input static characteristics Symbol Description Test conditions Min. Typ. Max. Units Pon VIL Low level input voltage 0.5 V VIH High level input voltage 1 Vbat V IIL Low level input current -1.0 1.5 µA IIH High Level Input Current -1.0 1.5 µA |