| Zakładka z wyszukiwarką danych komponentów |
|
HT48R10A Arkusz danych(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48R10A Arkusz danych(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 42 page ![]() Block Diagram Pin Assignment HT48R10A-1 Rev. 1.20 2 July 2, 2001 24 23 22 21 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 9 10 11 12 H T 4 8R 10A - 1 2 4 SK D I P- A / SO P- A PB 6 PB 7 PA 4 PA 5 PA 6 PA 7 OS C 2 / P C 4 OS C 1 / P C 3 VD D RE S PC 2 PC 1 / T M R PB 5 PB 4 PA 3 PA 2 PA 1 PA 0 PB 3 PB 2 PB 1 / BZ PB 0 / BZ VS S P C 0 /IN T IN T / P C 0 OS C 2 / PC 4 OS C 1 / PC 3 RE S VD D MU X PA C PA PO R T A PA0 ~ P A7 TM R / P C 1 SYS C LK/ 4 WD T S WD T PC C PC PO R T C PC 0 ~ PC 4 PBC PB PO R T B PB0 ~ PB7 TM R TM R C VS S P r e sca l e r f SY S BZ / B Z PC 0 PC 1 P r ogr am RO M P r ogr am C ount e r I n t e r r upt Ci r c u i t ST AC K IN T C DA T A Me m o r y I n st r u ct i o n R egi s t er M U X I n st r u ct i o n D e c oder ST AT U S ALU S h i fte r Ti m i n g G ene r a t o r AC C Op t i o n R OM OT P O n l y WD T O S C W D T P r e sca l e r M U X M U X MP M U X RT C O S C E N /D IS PC 3 PC 4 In te r n a l RC O S C |