Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RJ11-4LC2-R Arkusz danych(PDF) 3 Page - TE Connectivity Ltd

Numer części RJ11-4LC2-R
Szczegółowy opis  Low Profile Filtered Modular Jacks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RJ11-4LC2-R Arkusz danych(HTML) 3 Page - TE Connectivity Ltd

  RJ11-4LC2-R Datasheet HTML 1Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 2Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 3Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 4Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 5Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Corcom Product Guide
Model Dimensions (continued)
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
RJ45 – No Shield
RJ45 – Style 2 Shield
RJ45 – Style 1 Shield
RJ45 – PC Board Layout
7
5
3
1
8
6
4
2
.780
19.81
.195
4.95
.165
4.19
.165
4.19
.620
15.75
.485
12.32
.322
8.18
.800
20.32
.900
22.86
.04
1.02
7
5
3
1
8
6
4
2
.700
17.78
.600
15.24
.540
13.72
.195
4.95
.04
1.02
.810
20.57
.165
4.19
.322
8.18
.395
10.03
.322
8.18
.050
1.27
(7 SPACES)
.350
8.89
.030 +.008/.003
.76 +.20/-.08
Dia.
(8 PLACES)
.128±.003
3.25±.08
(4 PLACES)
(4 PLACES)
1
3
5
7
2
4
6
8
.250
6.35
.450
11.43
.210
5.33
.345
8.76
.050
1.27
.090
2.29
Dia.
.076±.003
1.93±.08
Dia.
7
5
3
1
8
6
4
2
.920
23.37
.780
19.81
.195
4.95
.04
1.02
.900
22.86
.860
21.84
.165
4.19
.165
4.19
.322
8.18
.485
12.32
.620
15.75
Part No.
RJ45-6L-S
RJ45-8L-B
RJ45-8L-S
RJ45-6X
RJ45-6L-B
RJ45-8X
Part No.
RJ45-6LC2-S
RJ45-8LC2-S
RJ45-6LC2-B RJ45-8LC2-B
RJ45-6L2-S
RJ45-8L2-S
RJ45-6L2-B
RJ45-8L2-B
RJ45-8LCT2-S RJ45-8LCT2-B
For all RJ45 L, LC, LCT and X Series Models
Shown from Component Side
Part No.
RJ45-6LC1-S
RJ45-8LC1-S
RJ45-6LC1-B
RJ45-6L1-S
RJ45-8L1-S
RJ45-6L1-B
RJ45-8LCT1-S
RJ45-8LCT1-B
RJ45-8LC1-B
RJ45-8L1-B
      
L, LC, LCT and X Series RJ Jack Dimensions (continued)



Html Pages

1 2 3 4 5 6