| Zakładka z wyszukiwarką danych komponentów |
|
15SRBS8-R Arkusz danych(PDF) 4 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
15SRBS8-R Arkusz danych(HTML) 4 Page - TE Connectivity Ltd |
|
4 / 5 page ![]() SRB Series Minimum Depth, Cost-effective Shielded Power Inlet Filter (continued) 206 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. Corcom Product Guide Catalog: 1654001 Issue Date: 06.2011 For email, phone or live chat, please go to te.com/help corcom.com PC Board Layout 0.551 13.99 0.520 13.21 0.075 1.91 ∅ *±.015 [0.38] .685* 17.40* Recommended Panel Cutouts Tolerances ± .005 [0.13] unless otherwise noted .140 3.56 .12 3.05 .820 20.8 1.200 30.48 1.575 40.01 .140 3.56 .234 5.94 .900 22.9 1.200 30.48 1.575 40.01 Front Mount Back Mount R. Typ. R. Typ. ∅ ∅ G 0.815 20.70 Tolerance ±.002 [.050] 0.188 4.775 R Max. SRBS SRB1, SRB2, SRBP & SRB8 Cover Jacket Flange 0.15 3.81 Panel Thickness .039 [1.0] ± .005 [.127] 1.066 27.07 .722 18.34 .836 21.23 min. R max. min. ± .005 [.127] SRBX Cover Jacket Flange 0.15 3.81 R max. 1.05 26.67 1.15 29.21 min. min. .741 18.82 ± .005 [.127] Panel Thickness .039 [1.0] ± .005 [.127] SRBY SRBX8 |