| Zakładka z wyszukiwarką danych komponentów |
|
SP0502BAHT Arkusz danych(PDF) 3 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
SP0502BAHT Arkusz danych(HTML) 3 Page - Littelfuse |
|
3 / 8 page ![]() 222 www.littelfuse .com TVS Diode Arrays Typical Diode Capacitance vs. Reverse Voltage Diode Reverse Voltage (V) 0 1 2 3 4 5 0 20 40 60 Mechanical Specifications Lead Plating Tin-Lead Lead Material Copper Alloy Lead Coplanarity 0.004 inches (0.102mm) Subsitute Material Silicon Body Material Molded Epoxy Flammability UL94-V-0 Package Information Notes: 1. All dimensions are in millimeters. 2. Dimensions include solder plating. 3. Dimensions are exclusive of mold flash & metal burr. 4. All specifications comply to JEDEC SPEC MO-203 ISSUE A. 5. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form. 6. Package surface matte finish VDI 11-13. SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA Surface Mount TVS Avalanche Diode Array -3 -2 -1 0 1 2 3 4 5 6 7 8 9 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 Input Voltage (V) Typical Input VI Characteristics (Pulse-mode measurements, pulse width = 0.7 mS nominal) |